Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 49 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 45Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 46Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 47Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 48Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 49Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 50Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 51Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 52Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
49
DRV10975, DRV10975Z
www.ti.com
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Table 10 provides design input parameters and motor parameters for system design.
Table 10. Recommended Application Range
MIN
TYP
MAX
UNIT
Motor voltage
6.5
12
18
V
BEMF constant
Phase to phase,
measured while the
motor is coasting
0.001
1.8
V/Hz
Phase-Phase
resistance
Measured ph-ph
0.6
24
Ω
Phase-Phase
inductance
Measured ph-ph
0.07
mH
Operating closed
loop speed
Electrical frequency
1
1000
Hz
Operating current
PGND, GND
0.1
1.5
A
Absolute maximum
current
During start-up or
lock condition
2
A
Phase current is distorted for motors at lower duty cycle with Rph-ph less than 3 Ω thereby introducing acoustic
noise. It is recommended to pick motors with phase to phase resistance Rph-ph above 4 Ω for a cleaner and lower
acoustic (low harmonics) phase currents.
Table 11. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
CVCC
VCC
GND
10-µF ceramic capacitor rated for VCC
CVCP
VCP
VCC
0.1-µF ceramic capacitor rated for 10 V
CCP
CPP
CPN
0.1-µF ceramic capacitor rated for VCC × 2
LSW-VREG
SW
VREG
47-µH ferrite inductor with 1.15-A current rating, 1.15-A saturation current, and < 1 Ω DC
resistance (buck mode)
RSW-VREG
SW
VREG
39-Ω series resistor rated for ¼ W (linear mode)
CVREG
VREG
GND
10-µF ceramic capacitor rated for 10 V
CV1P8
V1P8
GND
1-µF ceramic capacitor rated for 5 V
CV3P3
V3P3
GND
1-µF ceramic capacitor rated for 5 V
RSCL
SCL
V3P3
4.75-kΩ pullup to V3P3
RSDA
SDA
V3P3
4.75-kΩ pullup to V3P3
RFG
FG
V3P3
4.75-kΩ pullup to V3P3
DZener (For 3.3-V Vreg
mode)
GND
VREG
Only for DRV10975Z, Zener Voltage (Vz) = 4 V (±5%). Peak Power > 2.5 W, Leakage
Current <100 µA
DZener (For 5-V Vreg
mode)
GND
VREG
Only for DRV10975Z, Zener Voltage(Vz) = 6 V (±5%). Peak Power > 2.5 W, Leakage
Current <100 µA
9.2.2 Detailed Design Procedure
1. See the Design Requirements section and make sure your system meets the recommended application
range.
2. See the DRV10983 and DRV10975 Tuning Guide and measure the motor parameters.
3. See the DRV10983 and DRV10975 Tuning Guide. Configure the parameters using DRV10975 GUI, and
optimize the motor operation. The Tuning Guide takes the user through all the configurations step by step,
including: start-up operation, closed-loop operation, current control, initial positioning, lock detection, and
anti-voltage surge.
4. See the Programming Guide for the DRV10983 and Non-Volatile Memory section for burning tuned settings
into EEPROM.
5. Build your hardware based on Layout Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com