Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 43 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 43Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 44Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 45Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 46Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
43
DRV10975, DRV10975Z
www.ti.com
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
Table 8. Default EEPROM
Value
Address
Default Value
0x20
0x4A
0x21
0x4E
0x22
0x2A
0x23
0x00
0x24
0x98
0x25
0xE4
0x26
0x7A
0x27
0xF4
0x28
0x69
0x29
0xB8
0x2A
0xAD
0x2B
0x0C
(1)
R/W
(2)
Read only
8.5.3 Register Definition
Table 9. Register Description
Register
Data
Description
Name
Address
Bits
SpeedCtrl1(1)
0x00
7:0
SpdCtrl[7:0]
8 LSB of a 9-bit value used for the motor speed.
If OverRide = 1, the user can directly control the motor speed by writing to the
register through I2C.
SpeedCtrl2(1)
0x01
7
OverRide
Use to control the SpdCtrl [8:0] bits. If OverRide = 1, the user can write the speed
command through I2C.
6:1
N/A
N/A
0
SpdCtrl [8]
MSB of a 9-bit value used for the motor speed.
If OverRide = 1, user can directly control the motor speed by writing to the
register through I2C.
The MSB should be written first. Digital takes a snapshot of the MSB when LSB
is written.
DevCtrl(1)
0x02
7:0
enProgKey[7:0]
8-bit byte use to enable programming in the EEPROM.
To program the EEPROM, enProgKey = 1011 0110 (0xB6), followed immediately
by eeWrite = 1. Otherwise, enProgKey value is reset.
EECtrl(1)
0x03
7
sleepDis
Set to 1 to disable entering into sleep or standby mode.
6
SIdata
Set to 1 to enable the writing to the configuration registers.
5
eeRefresh
Copy EEPROM data to register.
4
eeWrite
Bit used to program (write) to the EEPROM.
3:0
N/A
N/A
Status(2)
0x10
7
OverTemp
Bit to indicate device temperature is over its limits.
6
Slp_Stdby
Bit to indicate that device went into sleep or standby mode.
5
OverCurr
Bit to indicate that an overcurrent event happened. This is a sticky bit, once
written, it stays high even if overcurrent signal goes low. This bit is cleared on
Read.
4
MtrLck
Bit to indicate that the motor is locked.
3
N/A
N/A
2
N/A
N/A
1
N/A
N/A
0
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com