Electronic Components Datasheet Search
  English  ▼

X  

DRV10975ZPWPR Datasheet(PDF) 38 Page - Texas Instruments

Part # DRV10975ZPWPR
Description  DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV10975ZPWPR Datasheet(HTML) 38 Page - Texas Instruments

Back Button DRV10975ZPWPR Datasheet HTML 34Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 35Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 36Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 37Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 38Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 39Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 40Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 41Page - Texas Instruments DRV10975ZPWPR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Motor phase
driving voltage
Open loop
Closed loop
FGOLsel = 00
FGOLsel = 01
Motor phase
driving voltage
Open loop
Closed loop
FGOLsel = 10
Open loop
Closed loop
Start-up after power on or wakeup
from sleep or standby mode
Rest of the startups
38
DRV10975, DRV10975Z
SLVSCP2F – JANUARY 2015 – REVISED JUNE 2020
www.ti.com
Product Folder Links: DRV10975
Submit Documentation Feedback
Copyright © 2015–2020, Texas Instruments Incorporated
8.4.10.2 FG Open-Loop and Lock Behavior
Note that the FG output reflects the driving state of the motor. During normal closed loop behavior, the driving
state and the actual state of the motor are synchronized. During open loop acceleration, however, this may not
reflect the actual motor speed. During a locked motor condition, the FG output is driven high.
The DRV10975 provides three options for controlling the FG output during open loop as shown in Figure 36. The
selection of these options is determined by the FGOLsel[1:0] setting.
•
Option0: Open loop output FG based on driving frequency
•
Option1: Open loop no FG output (keep high)
•
Option2: FG output based on driving frequency at the first power-on start-up, and no FG output (keep high)
for any subsequent restarts
Figure 36. FG Behavior During Open Loop
8.4.11 Diagnostics and Visibility
The DRV10975 offers extensive visibility into the motor system operation conditions stored in internal registers.
This information can be monitored through the I2C interface. Information can be monitored relating to the device
status, motor speed, supply voltage, speed command, motor phase voltage amplitude, fault status, and others.
The data is updated on the fly.
8.4.11.1 Motor Status Readback
The motor status register provides information on overtemperature (OverTemp), sleep or standby state
(Slp_Stdby), over current (OverCurr), and locked rotor (MtrLck).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com