Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
The timing control alert function is only monitored at power-up or when a software reset is issued by setting
the reset bit (RST, bit 15) in the Configuration register. The timing control alert function timing is based on the
default device settings at power-up. Writing to the Configuration register before the timing control alert function
completes the full sequence results in disabling the timing control alert until power is cycled or a software reset is
issued.
7.3.2.5 Default Settings
The default register power-up states are listed in the Register Maps section. These registers are volatile; if
programmed to a value other than the default values shown in Table 7-3, the registers must be reprogrammed
every time the device powers up.
7.3.3 Software Reset
The INA3221 features a software reset that reinitializes the device and register settings to default power-up
values without having to cycle power to the device. Use bit 15 (RST) of the Configuration register to perform a
software reset. Setting RST reinitializes all registers and settings to the default power state with the exception of
the power-valid output state.
If a software reset is issued, the INA3221 holds the output of the PV pin until the power-valid detection sequence
completes. The Power-Valid Upper Limit and Power-Valid Lower limit registers return to the default state when
the software reset has been issued. Therefore, any reprogrammed limit registers are reset, resulting in the
original power-valid thresholds validating the power-valid conditions. This architecture prevents interruption to
circuitry connected to the power valid output during a software reset event.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com