Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
SCL
SDA
t(LOW)
tr
tfCL
t(HDSTA)
t(HDSTA)
t(HDDAT)
t(HIGH)
t(SUSTA)
t(BUF)
S
S
P
P
t(VDDAT)
t(SUSTO)
t(SUDAT)
tfDA
Figure 7-13. Bus Timing
Table 7-2. Bus Timing Definitions (1)
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
2.44
MHz
t(BUF)
Bus free time between stop and start conditions
1300
160
ns
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
0
ns
t(VDDAT)
Data valid time
1200
260
ns
t(SUDAT)
Data setup time
100
10
ns
t(LOW)
SCL clock low period
1300
270
ns
t(HIGH)
SCL clock high period
600
60
ns
tfDA
Data fall time
500
150
ns
tfCL
Clock fall time
300
40
ns
tr
Clock rise time
300
40
ns
Clock rise time for SCLK ≤ 100kHz
1000
ns
(1)
Values based on a statistical analysis of a one-time sample of devices. Minimum and maximum values are not production tested.
A0 = A1 = 0.
7.5.3 SMBus Alert Response
The INA3221 responds to the SMBus alert response address. The SMBus alert response provides a quick fault
identification for simple target devices. When an alert occurs, the controller broadcasts the alert response target
address (0001 100) with the R/ W bit set high. Following this alert response, any target devices that generated
an alert self-identifies by acknowledging the alert response, and sending the respective address on the bus.
The alert response can activate several different target devices simultaneously, similar to the I2C general call. If
more than one target attempts to respond, bus arbitration rules apply. The losing device does not generate an
acknowledge, and continues to hold the alert line low until the interrupt is cleared. Alerts must be in Latch mode
to function.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com