Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments INA210 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
7.6.2.1 Configuration Register (address = 00h) [reset = 7127h]
The Configuration register settings control the operating modes for the shunt- and bus-voltage measurements for
the three input channels. This register controls the conversion time settings for both the shunt- and bus-voltage
measurements and the averaging mode used. The Configuration register is used to independently enable or
disable each channel, as well as select the operating mode that controls which signals are selected to be
measured.
This register can be read from at any time without impacting or affecting either device settings or conversions in
progress. Writing to this register halts any conversion in progress until the write sequence is completed, resulting
in a new conversion starting, based on the new Configuration register contents. This architecture prevents any
uncertainty in the conditions used for the next completed conversion.
Table 7-5. Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RST
CH1en
CH2en
CH3en
AVG2
AVG1
AVG0
VBUS
CT2
VBUS
CT1
VBUS
CT0
VSH
CT2
VSH
CT1
VSH
CT0
MODE
3
MODE
2
MODE
1
RW-0
RW-1
RW-1
RW-1
RW-0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-0
RW-0
RW-1
RW-1
RW-1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 7-6. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0h
Reset bit. Set this bit = 1 to generate a system reset that is the
same as a power-on reset (POR). This bit resets all registers to
default values and self-clears.
14
CH1en
R/W
7h
Channel enable mode. These bits allow each channel to be
independently enabled or disabled.
0 = Channel disable
1 = Channel enable (default)
13
CH2en
12
CH3en
11-9
AVG2-0
R/W
0h
Averaging mode. These bits set the number of samples that are
collected and averaged together.
000 = 1 (default)
001 = 4
010 = 16
011 = 64
100 = 128
101 = 256
110 = 512
111 = 1024
8-6
VBUSCT2-0
R/W
4h
Bus-voltage conversion time. These bits set the conversion time
for the bus-voltage measurement.
000 = 140μs
001 = 204μs
010 = 332μs
011 = 588μs
100 = 1.1ms (default)
101 = 2.116ms
110 = 4.156ms
111 = 8.244ms
5-3
VSHCT2-0
R/W
4h
Shunt-voltage conversion time. These bits set the conversion
time for the shunt-voltage measurement.
The conversion-time bit settings for VSHCT2-0 are the same as
VBUSCT2-0 (bits 8-6) listed in the previous row.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com