Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
The PV pin allows for a 0V output that indicates a power-invalid condition. An output equal to the pull-up supply
voltage connected to the VPU pin indicates a power-valid condition, as shown in Figure 7-2. Dividing down the
high power-valid pull-up voltage by adding a resistor to ground at the PV output is also possible, thus allowing
this function to interface with lower-voltage circuitry, if needed.
Power-Valid
Detection
INA3221
VS
PV
VPU
RPU
RPU_ext
RDIV
(1)
A.
RDIV can be used to level-shift the PV output high.
Figure 7-2. Power-Valid Output Structure
7.3.2.4 Timing-Control Alert
The INA3221 timing-control alert function helps verify proper power-supply sequencing. At power-up, the default
INA3221 setting is continuous shunt- and bus-voltage conversion mode, and the INA3221 internally begins
comparing the channel-1 bus voltage to determine when a 1.2V level is reached. This comparison is made each
time the sequence returns to the channel-1 bus-voltage measurement. When a 1.2V level is detected on the
channel-1 bus-voltage measurement, the INA3221 begins checking for a 1.2V level present on the channel-2
bus-voltage measurement. After a 1.2V level is detected on channel 1, if the INA3221 does not detect a 1.2V
value or greater on the bus voltage measurement following four complete cycles of all three channels, the timing
control (TC) alert pin pulls low to indicate that the INA3221 has not detected a valid power rail on channel 2. As
shown in Figure 7-3, this sequence allows for approximately 28.6ms from the time 1.2V is detected on channel 1
for a valid voltage to be detected on channel 2. Figure 7-4 illustrates the state diagram for the TC alert pin.
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
S
Ch
1
S
Ch
2
S
Ch
3
Signal
Channel
1.2V Detected on Channel-1
Bus-Voltage Measurement
Measure For 1.2V on
Channel-2 Bus Voltage
2.2ms
28.6ms
B
B
B
B
B
B
B
B
B
B
B
B
B
B
B
NOTE: The signal refers to the corresponding shunt (S) and bus (B) voltage measurement for each channel.
Figure 7-3. Timing Control Timing Diagram
1.2V Detected on Channel-1
Bus-Voltage Measurement
Measure for 1.2V
on Channel-2 Bus Voltage
1.2V on Channel 2 Detected
1.2V on Channel 2 Not Detected
Timing
Control
Output
High
Low
28.6ms
Figure 7-4. Timing Control State Diagram
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com