Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
7.4 Device Functional Modes
7.4.1 Averaging Function
The INA3221 includes three channels to monitor up to three independent supply buses; however, multichannel
monitoring sometimes results in poor shunt-resistor placement. Ideally, shunt resistors are placed as close as
possible to the corresponding channel input pins. However, because of system layout and multiple power-supply
rails, one or more shunt resistors can require being located further away, thus presenting potentially larger
measurement errors. These errors result from additional trace inductance and other parasitic impedances
between the shunt resistor and input pins. Longer traces also create an additional potential for coupling noise
into the signal if the traces are routed near noise-generating sections of the board.
The INA3221 averaging function mitigates this potential problem by limiting the impact that any single
measurement has on the averaged value of each measured signal. This limitation reduces the influence that
noise has on the averaged value, thereby effectively creating an input-signal filter.
The averaging function is illustrated in Figure 7-5. Operation begins by first measuring the shunt input signal
on channel 1. This value is then subtracted from the previous value that was present in the corresponding data
output register. This difference is then divided by the value programmed by the averaging mode setting (AVG2-0,
Configuration register bits 11-9) and stored in an internal accumulation register. The computed result is then
added to the previously-loaded data output register value, and the resulting value is loaded to the corresponding
data output register. After the update, the next signal to be measured follows the same process. The larger
the value selected for the averaging mode setting, the less impact or influence any new conversion has on the
average value, as shown in Figure 7-6. This averaging feature functions as a filter to reduce input noise from the
averaged measurement value.
AVG #
÷
New
Sample
±
+
+
+
Output
Register
Figure 7-5. Averaging Function Block Diagram
20
21
22
23
24
25
26
1000
2000
3000
4000
5000
6000
7000
Samples
1 Average
16 Averages
1024 Averages
G020
Figure 7-6. Average Setting Example
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com