Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
7.6 Register Maps
The INA3221 uses a bank of registers for holding configuration settings, measurement results, minimum and
maximum limits, and status information. Table 7-3 summarizes the INA3221 registers; see the Functional Block
Diagram section for an illustration of the registers.
7.6.1 Summary of Register Set
Table 7-3. Summary of Register Set
POINTER
ADDRESS
(Hex)
REGISTER NAME
DESCRIPTION
POWER-ON RESET
TYPE(1)
BINARY
HEX
0
Configuration
All-register reset, shunt and bus voltage ADC conversion times and
averaging, operating mode.
01110001 00100111
7127
R/ W
1
Channel-1 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
2
Channel-1 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
3
Channel-2 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
4
Channel-2 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
5
Channel-3 Shunt Voltage
Averaged shunt voltage value.
00000000 00000000
0000
R
6
Channel-3 Bus Voltage
Averaged bus voltage value.
00000000 00000000
0000
R
7
Channel-1 Critical Alert
Limit
Contains limit value to compare each conversion value to determine
if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
8
Channel-1 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
9
Channel-2 Critical Alert
Limit
Contains limit value to compare each conversion value to determine
if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
A
Channel-2 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
B
Channel-3 Critical Alert
Limit
Contains limit value to compare each conversion value to determine
if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
C
Channel-3 Warning Alert
Limit
Contains limit value to compare to averaged measurement to
determine if the corresponding limit has been exceeded.
01111111 11111000
7FF8
R/ W
D
Shunt-Voltage Sum
Contains the summed value of the each of the selected shunt
voltage conversions.
00000000 00000000
0000
R
E
Shunt-Voltage Sum Limit
Contains limit value to compare to the Shunt Voltage Sum register to
determine if the corresponding limit has been exceeded.
01111111 11111110
7FFE
R/ W
F
Mask/Enable
Alert configuration, alert status indication, summation control and
status.
00000000 00000010
0002
R/ W
10
Power-Valid Upper Limit
Contains limit value to compare all bus voltage conversions to
determine if the Power Valid level has been reached.
00100111 00010000
2710
R/ W
11
Power-Valid Lower Limit
Contains limit value to compare all bus voltage conversions to
determine if the any voltage rail has dropped below the Power Valid
range.
00100011 00101000
2328
R/ W
FE
Manufacturer ID
Contains unique manufacturer identification number.
01010100 01001001
5449
R
FF
Die ID
Contains unique die identification number.
00110010 00100000
3220
R
(1)
Type: R = read-only, R/ W = read/write.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com