Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
7.4.3 Filtering and Input Considerations
Measuring current is often noisy, and such noise can be difficult to define. The INA3221 offers several
filtering options by allowing conversion times and the number of averages to be selected independently in
the Configuration register. The conversion times can be set independently for the shunt- and bus-voltage
measurements as well, for added flexibility in configuring power-supply bus monitoring.
The internal ADC is based on a delta-sigma (ΔΣ) front-end with a 500kHz (±30%) typical sampling rate. This
architecture has good inherent noise rejection; however, transients that occur at or very close to the sampling-
rate harmonics can cause problems. These transient signals are at 1MHz and higher; therefore, the signals are
managed by incorporating filtering at the INA3221 input. High-frequency signals allow for the use of low-value
series resistors on the filter, with negligible effects on measurement accuracy. In general, filtering the INA3221
input is only necessary if there are transients at exact harmonics of the 500kHz (±30%) sampling rate that
are greater than 1MHz. Filter using the lowest-possible series resistance (typically 10Ω or less) and a ceramic
capacitor. Recommended capacitor values are 0.1μF to 1.0μF. Figure 7-8 shows the INA3221 with an additional
filter added at the input.
Load 2
Power Supply
(0V to 26V)
Ch 1
Ch 2
VIN 2
VIN+2
Ch 3
ADC
RFILTER
≤
10
CFILTER: 0.1- F to 1- F
Ceramic Capacitor
RFILTER
≤
10
CFILTER
Figure 7-8. INA3221 With Input Filtering
The INA3221 inputs are specified to tolerate 26V across the inputs. However, overload conditions are another
consideration for the INA3221 inputs. For example, a large differential-input scenario can be a short to ground
on the load side of the shunt. This type of event results in the full power-supply voltage applied across the
shunt, if supported by the power supply or energy-storage capacitors. Keep in mind that removing a short to
ground can result in inductive kickbacks that can exceed the 26V differential and common-mode rating of the
INA3221. Inductive kickback voltages are best controlled by zener-type transient-absorbing devices (commonly
called transzorbs) combined with sufficient energy-storage capacitance.
In applications that do not have large energy-storage electrolytic capacitors on one or both sides of the shunt, an
input overstress condition can result from an excessive dV/dt of the voltage applied to the input. A hard physical
short is the most likely cause of this event, particularly in applications without large electrolytic capacitors
present. This problem occurs because an excessive dV/dt can activate the INA3221 ESD protection in systems
where large currents are available. Testing has demonstrated that the addition of 10Ω resistors in series with
each INA3221 input sufficiently protects the inputs against this dV/dt failure up to the 26V device rating.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com