Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
1
1
1
9
9
9
1
0
0
0
0
0
A0
R/W
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Frame 1: Two-Wire Target Address Byte
(1)
Frame 2: Data MSByte
(2)
Frame 3: Data LSByte
(2)
Start By
Controller
ACK By
Device
ACK By
Controller
Stop By
Controller
No ACK By
Controller
(3)
SCL
SDA
From
Device
From
Device
A.
The value of the target address byte is determined by the A0 pin setting; see Table 7-1.
B.
Read data are from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 7-9.
C.
The controller can also send an ACK.
Figure 7-11. Timing Diagram for Read Word Format
Figure 7-12 shows the timing diagram for the SMBus Alert response operation.
1
9
1
0
0
0
0
0
A0
Frame 1: SMBus ALERT Response Address Byte
Frame 2: Target Address Byte
(1)
Start By
Controller
ACK By
Device
Stop By
Controller
No ACK By
Controller
From
Device
1
1
0
0
0
0
R/W
SCL
SDA
1
0
9
0
A.
The value of the Target Address Byte is determined by the A0 pin setting; see Table 7-1.
Figure 7-12. Timing Diagram for SMBus Alert
7.5.2.1 High-Speed I2C Mode
When the bus is idle, the SDA and SCL lines are pulled high by the pull-up resistors. The controller generates
a start condition followed by a valid serial byte with the high-speed (Hs) controller code 00001XXX. This
transmission is made in fast (400kHz) or standard (100kHz) (F/S) mode at no more than 400kHz. The INA3221
does not acknowledge the Hs controller code, but does recognize the code and switches the internal filters to
support 2.44MHz operation.
The controller then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.44MHz are allowed. Instead of using a stop condition, the controller uses a
repeated start conditions to secure the bus in Hs mode. A stop condition ends the Hs mode, and switches all
internal INA3221 filters to support F/S mode.
Figure 7-13 shows the bus timing, and Table 7-2 lists the bus timing definitions.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com