Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 3.3V,VIN+ = 12V, VSHUNT = (VIN+) – (VIN–) = 0mV, and VBUS = VIN– = 12V (unless otherwise noted)
0
5
10
15
20
25
30
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+
IB−
G014
Figure 6-13. Input Bias Current vs. Temperature
0
50
100
150
200
250
300
350
400
450
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+, IB−
G015
Figure 6-14. Input Bias Current vs. Temperature (Shutdown)
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G016
Figure 6-15. Active IQ vs. Temperature
0
0.5
1
1.5
2
2.5
3
3.5
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G017
Figure 6-16. Shutdown IQ vs. Temperature
300
350
400
450
500
550
600
650
700
0.01
0.1
1
4
Frequency (MHz)
G018
Figure 6-17. Active IQ vs. I2C Clock Frequency
0
50
100
150
200
250
300
350
0.01
0.1
1
4
Frequency (MHz)
G019
Figure 6-18. Shutdown IQ vs. I2C Clock Frequency
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com