Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA210 Datasheet HTML 21Page - Texas Instruments INA210 Datasheet HTML 22Page - Texas Instruments INA210 Datasheet HTML 23Page - Texas Instruments INA210 Datasheet HTML 24Page - Texas Instruments INA210 Datasheet HTML 25Page - Texas Instruments INA210 Datasheet HTML 26Page - Texas Instruments INA210 Datasheet HTML 27Page - Texas Instruments INA210 Datasheet HTML 28Page - Texas Instruments INA210 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
7.6.2 Register Descriptions
All 16-bit INA3221 registers are two 8-bit bytes via the I2C interface. Table 7-4 shows a register map for the INA3221.
Table 7-4. Register Map
REGISTER
ADDRESS
(Hex)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
00
RST
CH1en
CH2en
CH3en
AVG2
AVG1
AVG0
VBUSCT2 VBUSCT1 VBUSCT0 VSHCT2
VSHCT1
VSHCT0
MODE3
MODE2
MODE1
Channel-1 Shunt Voltage
01
SIGN
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
—
—
—
Channel-1 Bus Voltage
02
SIGN
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
—
—
Channel-2 Shunt Voltage
03
SIGN
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
—
—
—
Channel-2 Bus Voltage
04
SIGN
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
—
—
Channel-3 Shunt Voltage
05
SIGN
SD11
SD10
SD9
SD8
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
—
—
—
Channel-3 Bus Voltage
06
SIGN
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
—
—
Channel-1 Critical-Alert
Limit
07
C1L12
C1L11
C1L10
C1L9
C1L8
C1L7
C1L6
C1L5
C1L4
C1L3
C1L2
C1L1
C1L0
—
—
—
Channel-1 Warning-Alert
Limit
08
W1L12
W1L11
W1L10
W1L9
W1L8
W1L7
W1L6
W1L5
W1L4
W1L3
W1L2
W1L1
W1L0
—
—
—
Channel-2 Critical-Alert
Limit
09
C2L12
C2L11
C2L10
C2L9
C2L8
C2L7
C2L6
C2L5
C2L4
C2L3
C2L2
C2L1
C2L0
—
—
—
Channel-2 Warning-Alert
Limit
0A
W2L12
W2L11
W2L10
W2L9
W2L8
W2L7
W2L6
W2L5
W2L4
W2L3
W2L2
W2L1
W2L0
—
—
—
Channel-3 Critical-Alert
Limit
0B
C3L12
C3L11
C3L10
C3L9
C3L8
C3L7
C3L6
C3L5
C3L4
C3L3
C3L2
C3L1
C3L0
—
—
—
Channel-3 Warning-Alert
Limit
0C
W3L12
W3L11
W3L10
W3L9
W3L8
W3L7
W3L6
W3L5
W3L4
W3L3
W3L2
W3L1
W3L0
—
—
—
Shunt-Voltage Sum
0D
SIGN
SV13
SV12
SV11
SV10
SV9
SV8
SV7
SV6
SV5
SV4
SV3
SV2
SV1
SV0
—
Shunt-Voltage Sum Limit
0E
SIGN
SVL13
SVL12
SVL11
SVL10
SVL9
SVL8
SVL7
SVL6
SVL5
SVL4
SVL3
SVL2
SVL1
SVL0
—
Mask/Enable
0F
—
SCC1
SCC2
SCC3
WEN
CEN
CF1
CF2
CF3
SF
WF1
WF2
WF3
PVF
TCF
CVRF
Power-Valid Upper Limit
10
SIGN
PVU11
PVU10
PVU9
PVU8
PVU7
PVU6
PVU5
PVU4
PVU3
PVU2
PVU1
PVU0
—
—
—
Power-Valid Lower Limit
11
SIGN
PVL11
PVL10
PVL9
PVL8
PVL7
PVL6
PVL5
PVL4
PVL3
PVL2
PVL1
PVL0
—
—
—
Manufacturer ID
FE
0
1
0
1
0
1
0
0
0
1
0
0
1
0
0
1
Die ID
FF
0
0
1
1
0
0
1
0
0
0
1
0
0
0
0
0
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com