Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Frequency (Hz)
0.001
0.01
0.1
1
-40
10
100
1k
10k
100k
0.001
0.01
0.1
1
-60
-80
-100
D040
D040
D040
D040
G = 1
G = 10
G = 100
Cload (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1k
D041
Positive
Negative
Temperature (qC)
-50
-30
-10
10
30
50
70
90
110
130
150
-60
-50
-40
-30
-20
-10
0
10
20
30
40
D038
ISC, Source
ISC, Sink
Frequency (Hz)
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
D039
VS = r15 V
VS = r5 V
Output Current (mA)
0
4
8
12
16
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
D036
-40qC
25qC
85qC
125qC
Output Current (mA)
0
2
4
6
8
10
12
14
16
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
-14.1
-14
D037
-40qC
25qC
85qC
125qC
16
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 37. Positive Output Voltage Swing vs Output Current
Figure 38. Negative Output Voltage Swing vs Output Current
Figure 39. Short Circuit Current vs Temperature
Figure 40. Large-Signal Frequency Response
500-kHz measurement bandwidth
1-VRMS output voltage
100-kΩ load
Figure 41. THD+N vs Frequency
Figure 42. Overshoot vs Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com