Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments INA821 Datasheet HTML 31Page - Texas Instruments INA821 Datasheet HTML 32Page - Texas Instruments INA821 Datasheet HTML 33Page - Texas Instruments INA821 Datasheet HTML 34Page - Texas Instruments INA821 Datasheet HTML 35Page - Texas Instruments INA821 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
32
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The nominal performance of the INA818 is specified with a supply voltage of ±15 V and midsupply reference
voltage. The device can also be operated using power supplies from ±2.25 V (4.5 V) to ±18 V (36 V) and non-
midsupply reference voltages with excellent performance. Parameters that can vary significantly with operating
voltage and reference voltage are shown in the Typical Characteristics section.
11 Layout
11.1 Layout Guidelines
Attention to good layout practices is always recommended. For best operational performance of the device, use
good PCB layout practices, including:
•
Take care to make sure that both input paths are well-matched for source impedance and capacitance to
avoid converting common-mode signals into differential signals. Even slight mismatch in parasitic capacitance
at the gain setting pins can degrade CMRR over frequency. For example, in applications that implement gain
switching using switches or PhotoMOS® relays to change the value of RG, select the component so that the
switch capacitance is as small as possible and most importantly so that capacitance mismatch between the
RG pins is minimized.
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and of the device
itself. Bypass capacitors reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
–
Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
•
To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than in
parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 75, keeping RG close
to the pins minimizes parasitic capacitance.
•
Keep the traces as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com