Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments INA821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
+IN
±IN
RG
INA818
5 V
OPA191
100 k
5 V
1 F
5 V
100 k
OUT
RG
RG
0
20
40
60
80
100
120
10
100
1k
10k
0 Ω
10 Ω
5 Ω
15 Ω
20 Ω
Frequency (Hz)
27
INA818
www.ti.com
SBOS894A – APRIL 2019 – REVISED JUNE 2019
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
The parasitic resistance at the reference pin (RREF) creates an imbalance in the four resistors of the internal
difference amplifier, which degrades the common-mode rejection ratio (CMRR). Figure 66 shows the degradation
in CMRR of the INA818 as a result of increased resistance at the reference pin. For the best performance, keep
the source impedance to the REF pin (RREF) below 5 Ω.
Figure 66. The Effect of Increasing Resistance at the Reference Pin
Voltage-reference devices are a suitable option for providing a low-impedance voltage source for the reference
pin. However, if a resistor voltage divider generates a reference voltage, the divider must be buffered by an op
amp, as Figure 67 shows, in order to avoid CMRR degradation.
Figure 67. Using an Op Amp to Buffer Reference Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com