Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
-20
-15
-10
-5
0
5
10
15
±20
±10
0
10
20
Output Voltage (V)
G = 1
G = 100
C006
-5
-4
-3
-2
-1
0
1
2
3
4
5
±6
±4
±2
0
2
4
6
Output Voltage (V)
G = 1
G = 100
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
22
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 3. INA818 EMIRR for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
DIFFERENTIAL
EMIRR
COMMON-MODE
EMIRR
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultrahigh-frequency (UHF)
applications
52 dB
80 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (up to 1.6 GHz), GSM, aeronautical mobile, UHF applications
55 dB
71 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite,
L-band (1 GHz to 2 GHz)
58 dB
73 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific
and medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
59 dB
95 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
78 dB
96 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and
satellite operation, C-band (4 GHz to 8 GHz)
70 dB
100 dB
8.3.3 Input Common-Mode Range
The linear input voltage range of the INA818 input circuitry extends within 1.5 V (typical) of both power supplies
and maintains excellent common-mode rejection throughout this range. The common-mode range for the most
common operating conditions are shown in Figure 58, Figure 53, and Figure 54. The common-mode range for
other operating conditions is best calculated using the Common-Mode Input Range Calculator for Instrumentation
Amplifiers.
VS = 5 V
G = 1
Figure 58. Input Common-Mode Voltage vs Output Voltage
VS = 5 V
G = 100
Figure 59. Input Common-Mode Voltage vs Output Voltage
VS = ±5 V
VREF = 0 V
Figure 60. Input Common-Mode Voltage vs Output Voltage
VS = ±15 V
VREF = 0 V
Figure 61. Input Common-Mode Voltage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com