Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Input Voltage (V)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-10
-20
-8
-16
-6
-12
-4
-8
-2
-4
0
0
2
4
4
8
6
12
8
16
10
20
D015
Input Current
Output Voltage
+VS
-VS
Overvoltage
Protection
IN
Input Transistor
+V
-V
+
±
Input Voltage
Source
ZD1
ZD2
23
INA818
www.ti.com
SBOS894A – APRIL 2019 – REVISED JUNE 2019
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.4 Input Protection
The inputs of the INA818 device are individually protected for voltages up to ±60 V. For example, a condition of
–60 V on one input and +60 V on the other input does not cause damage. Internal circuitry on each input
provides low series impedance under normal signal conditions. If the input is overloaded, the protection circuitry
limits the input current to a value of approximately 8 mA.
Figure 62. Input Current Path During an Overvoltage Condition
During an input overvoltage condition, current flows through the input protection diodes into the power supplies;
see Figure 62. If the power supplies are unable to sink current, then Zener diode clamps (ZD1 and ZD2 in
Figure 62) must be placed on the power supplies to provide a current pathway to ground. Figure 63 shows the
input current for input voltages from –50 V to +50 V when the INA818 is powered by ±15-V supplies.
Figure 63. Input Current vs Input Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com