Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA821 Datasheet HTML 3Page - Texas Instruments INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
INA818
www.ti.com
SBOS894A – APRIL 2019 – REVISED JUNE 2019
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain nonlinearity
G = 1 to 10, VO = –10 V to 10 V, RL = 10 kΩ
1
10
ppm
G = 100, VO = –10 V to 10 V, RL = 10 kΩ
15
G = 1000, VO = –10 V to 10 V, RL = 10 kΩ
10
G = 1 to 100, VO = –10 V to 10 V, RL = 2 kΩ
30
OUTPUT
Voltage swing
(V–) + 0.15
(V+) – 0.15
V
Load capacitance stability
1000
pF
ZO
Closed-loop output
impedance
f = 10 kHz
5.0
Ω
ISC
Short-circuit current
Continuous to VS / 2
±20
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
2.0
MHz
G = 10
890
kHz
G = 100
270
G = 1000
30
SR
Slew rate
G = 1, VO = ±10 V
0.9
V/µs
tS
Settling time
0.01%, G = 1 to 100, VSTEP = 10 V
12
µs
0.01%, G = 1000, VSTEP = 10 V
40
0.001%, G = 1 to 100, VSTEP = 10 V
16
0.001%, G = 1000, VSTEP = 10 V
60
REFERENCE INPUT
RIN
Input impedance
40
k
Ω
Voltage range
(V–)
(V+)
V
Gain to output
1
V/V
Reference gain error
0.01%
POWER SUPPLY
IQ
Quiescent current
VIN = 0 V
350
385
µA
VIN = 0 V, TA = –40°C to 125°C
520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com