Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
-20
-15
-10
-5
0
5
10
15
±20
±10
0
10
20
Output Voltage (V)
G = 1
G = 100
C006
-5
-4
-3
-2
-1
0
1
2
3
4
5
±6
±4
±2
0
2
4
6
Output Voltage (V)
G = 1
G = 100
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
0
1
2
3
4
5
0
1
2
3
4
5
6
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
C006
Frequency (Hz)
0
20
40
60
80
100
10M
100M
1G
10G
D047
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
D048
18
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 49. Differential-Mode EMI Rejection Ratio
Figure 50. Common-Mode EMI Rejection Ratio
VS = 5 V
G = 1
Figure 51. Input Common-Mode Voltage vs Output Voltage
VS = 5 V
G = 100
Figure 52. Input Common-Mode Voltage vs Output Voltage
VS = ±5 V
VREF = 0 V
Figure 53. Input Common-Mode Voltage vs Output Voltage
VS = ±15 V
VREF = 0 V
Figure 54. Input Common-Mode Voltage vs Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com