Electronic Components Datasheet Search
  English  ▼

X  

INA821 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA821
Description  INA818 35-μV Offset, 8-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
G
50 k
G
1
R
:
+
±
+
±
+
±
40 k
25 k
40 k
40 k
40 k
25 k
Overvoltage
Protection
Overvoltage
Protection
RG
REF
+VS
V-
OUT
V+
-VS
-IN
+IN
G
50 k
G
1
R
:
O
IN
IN
REF
V
G V
V
V
Copyright © 2017, Texas Instruments Incorporated
RG
RG
20
INA818
SBOS894A – APRIL 2019 – REVISED JUNE 2019
www.ti.com
Product Folder Links: INA818
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Setting the Gain
Figure 55 shows that the gain of the INA818 is set by a single external resistor (RG) connected between the RG
pins (pins 1 and 8).
Figure 55. Simplified Diagram of the INA818 With Gain and Output Equations
The value of RG is selected according to Equation 1:
(1)
Table 2 lists several commonly-used gains and resistor values. The 50-kΩ term in Equation 1 comes from the
sum of the two internal 25-kΩ feedback resistors. These on-chip resistors are laser-trimmed to accurate absolute
values. The accuracy and temperature coefficients of these resistors are included in the gain accuracy and drift
specifications of the INA818. As shown in Figure 55 and explained in more details in the Layout section, make
sure to connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground that are placed
as close to the device as possible.
Table 2. Commonly-Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC
NC
2
50 k
49.9 k
5
12.5 k
12.4 k
10
5.556 k
5.49 k
20
2.632 k
2.61 k
50
1.02 k
1.02 k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com