Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
7.9 Typical Characteristics: VS = 5 V
at VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 1 kΩ, G = 1 V/V, input and output referenced to mid-supply unless
otherwise noted. TA = 25°C, unless otherwise noted.
0.01
0.1
1
10
100
1000
f - Frequency - MHz
0.01
0.1
1
10
100
V = 5 V,
G = 1
S
Figure 7-39. Output Impedance vs Frequency
-9
-6
-3
0
3
100k
1M
10M
100M
1G
f - Frequency - Hz
C = 56 pF
R = 24.9
L
O
W
C = 100 pF
R = 16.9
L
O
W
C = 220 pF
R = 10
L
O
W
C = 560 pF
R = 5
L
O
W
C = 2.2 pF
R = 0
L
O
W
C = 10 pF
R = 49.9
L
O
W
C = 22 pF
R = 40.2
L
O
W
V = 5 V,
G = 1,
R = 0
R = 1 k
S
F
L
W
W
Figure 7-40. Frequency Response With Capacitive Load
1
10
100
1k
10k
100k
1M
10M 100M
1G
-405
-360
-315
-270
-225
-180
-135
-90
-45
0
±40
±20
0
20
40
60
80
100
120
140
Frequency (Hz)
Open Loop Gain Magnitude
Open Loop Gain Phase
C002
VS = 5.0 V
Figure 7-41. Open Loop Gain vs Frequency
Frequency (Hz)
0.1
1
10
100
Voltage Noise
Current Noise
1
10
100
1K
10K
100K
1M
10M
VS = 5.0 V
Figure 7-42. Input Referred Noise vs Frequency
1
10
100
1
10
100
1000
C
- Capacitive Load - pF
LOAD
V = 5 V,
G = 1,
R = 0
,
R = 1 k
S
F
L
W
W
Figure 7-43. Series Output Resistor vs Capacitive Load
100k
1M
10M
100M
PSRR
CMRR
-80
-70
-60
-50
-40
-30
-20
-10
0
f - Frequency - Hz
V = 5 V
S
Figure 7-44. Common-Mode/Power Supply Rejection Ratios vs
Frequency
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com