Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
8.4 Device Functional Modes
8.4.1 Split-Supply Operation (±1.25 V to ±2.75 V)
To facilitate testing with common lab equipment, the OPA836 EVM (see OPA835DBV, OPA836DBV EVM,
SLOU314) is built to allow for split-supply operation. This configuration eases lab testing because the mid-point
between the power rails is ground, and most signal generators, network analyzers, oscilloscopes, spectrum
analyzers and other lab equipment have inputs and outputs with a ground reference.
Figure 8-6 shows a simple noninverting configuration analogous to Figure 8-1 with ±2.5-V supply and VREF equal
to ground. The input and output will swing symmetrically around ground. For ease of use, split supplies are
preferred in systems where signals swing around ground.
OPA 836
Load
V
SIG
R
G
R
F
V
OUT
+2.5 V
-2.5 V
Figure 8-6. Split-Supply Operation
8.4.2 Single-Supply Operation (2.5 V to 5.5 V)
Often, newer systems use a single power supply to improve efficiency and reduce the cost of the power supply.
The OPA836 and OPA2836 devices are designed for use with a single supply with no change in performance
compared to a split supply, as long as the input and output are biased within the linear operation of the device.
To change the circuit from split supply to single supply, level shift of all voltages by half the difference between
the power supply rails. For example, changing from ±2.5-V split supply to 5-V single supply is shown in Figure
8-7.
OPA 836
Load
V
SIG
2.5 V
R
G
5 V
R
F
V
OUT
Figure 8-7. Single-Supply Concept
A practical circuit will have an amplifier or other circuit providing the bias voltage for the input, and the output of
this amplifier stage provides the bias for the next stage.
Figure 8-8 shows a typical noninverting amplifiercircuit. With 5-V single-supply, a mid-supply reference generator
is needed to bias the negative side through RG. To cancel the voltage offset that would otherwise be caused by
the input bias currents, R1 is selected to be equal to RF in parallel with RG. For example, if gain of 2 is required
and RF = 1 kΩ, select RG = 1 kΩ to set the gain and R1 = 499 Ω for bias-current cancellation. The value for C
depends on the reference; TI recommends a value of at least 0.1 µF to limit noise.
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com