Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 33 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
VOUT+
RO
VOUT-
R
2R
2R
½ OPA2836
+
RF
RG
VREF
VREF
VIN
R1
VSIG
VREF
-G x V SIG
VREF
VREF
G x VSIG
½ OPA2836
RO
Figure 9-2. Single Ended to Differential Amplifier
Line termination on the output can be accomplished with resistors RO. The differential impedance seen from the
line will be 2 × RO. For example, if 100-Ω Cat5 cable is used with double termination, the amplifier is typically
set for a differential gain of 2 V/V (6 dB) with RF = 0 Ω (short), RG = open, 2R = 1 kΩ, R1 = 0 Ω, R = 499 Ω
to balance the input bias currents, and RO = 49.9 Ω for output line termination. This configuration is shown in
Figure 9-3.
For driving a differential-input ADC the situation is similar, but the output resistors, RO are selected with a
capacitor across the ADC input for optimum filtering and settling-time performance.
VOUT+
49.9 Ω
VOUT-
499 Ω
1 kΩ
½ OPA2836
+
VREF
VIN
VSIG
VREF
-VSIG
VREF
VREF
VSIG
½ OPA2836
RG
RF
49.9 Ω
1 kΩ
Figure 9-3. Cat5 Line Driver With Gain = 2 V/V (6 dB)
9.1.6 Differential-to-Signal-Ended Amplifier
Figure 9-4 shows a differential amplifier that is used to convert differential signals to single-ended and provides
gain (or attenuation) and level shifting. This circuit can be used in applications like a line receiver for converting a
differential signal from a Cat5 cable to a single-ended signal.
If VIN+ = VCM + VSIG+ and VIN– = VCM + VSIG– , then the output of the amplifier may be calculated according to
Equation 5.
(
)
-
æ
ö
-
´ ç
÷
è
ø
F
OUT
IN+
IN
REF
G
R
V
=
V
V
+ V
R
(5)
The signal gain of the circuit is
F
G
R
G =
R
, VCM is rejected, and VREF provides a level shift around which the
output signal swings. The single ended output signal is in-phase with the differential input signal.
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com