Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 31 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.1.1 Noninverting Amplifier
The OPA836 and OPA2836 devices can be used as noninverting amplifiers with signal input to the noninverting
input, VIN+ . A basic block diagram of the circuit is shown in Figure 8-1.
If VIN = VREF + VSIG, then the output of the amplifier may be calculated according to Equation 1.
æ
ö
ç
÷
è
ø
F
SIG
REF
G
R
V
= V
1 +
+ V
OUT
R
(1)
The signal gain of the circuit is set by
F
G
R
G = 1 +
R
, and VREF provides a reference around which the input and
output signals swing. Output signals are in-phase with the input signals.
The OPA836 and OPA2836 devices are designed for the nominal value of RF to be 1 kΩ in gains other than +1.
This gives excellent distortion performance, maximum bandwidth, best flatness, and best pulse response. RF = 1
kΩ must be used as a default unless other design goals require changing to other values. All test circuits used to
collect data for this data sheet had RF = 1 kΩ for all gains other than +1. Gain of +1 is a special case where RF is
shorted and RG is left open.
9.1.2 Inverting Amplifier
The OPA836 and OPA2836 devices can be used as inverting amplifiers with signal input to the inverting input,
VIN– , through the gain setting resistor RG. A basic block diagram of the circuit is shown in Figure 8-2.
If VIN = VREF + VSIG, then the output of the amplifier may be calculated according to Equation 2.
F
SIG
REF
G
R
V
= V
+ V
OUT
R
æ
ö
-
ç
÷
è
ø
(2)
The signal gain of the circuit is set by
-
F
G
R
G =
R
, and VREF provides a reference point around which the input
and output signals swing. Output signals are 180° out-of-phase with the input signals. The nominal value of RF
must be 1 kΩ for inverting gains.
9.1.3 Instrumentation Amplifier
Figure 9-1 is an instrumentation amplifier that combines the high input impedance of the differential-to-differential
amplifier circuit and the common-mode rejection of the differential-to-single-ended amplifier circuit. This circuit
is often used in applications where high input impedance is required (such as taps from a differential line) or in
cases where the signal source has a high output impedance.
If VIN+ = VCM + VSIG+ and VIN– = VCM + VSIG– , then the output of the amplifier may be calculated according to
Equation 3.
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com