Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
OPA 836
Signal and bias to
next stage
Signal and bias
from previous stage
C
VSIG
2.5 V
R1
RG
5 V
RF
RO
2.5 V
VOUT
GVSIG
5 V
2.5 V
REF
Figure 8-8. Noninverting Single Supply With Reference
Figure 8-9 shows a similar noninverting single-supply scenario with the reference generator replaced by the
Thevenin equivalent using resistors and the positive supply. RG’ and RG” form a resistor divider from the 5-V
supply and are used to bias the negative side with their parallel sum equal to the equivalent RG to set the gain.
To cancel the voltage offset that would otherwise be caused by the input bias currents, R1 is selected to be equal
to RF in parallel with RG’ in parallel with RG” (R1= RF || RG’ || RG”). For example, if gain of 2 is required and RF
= 1 kΩ, selecting RG’ = RG” = 2 kΩ gives equivalent parallel sum of 1 kΩ, sets the gain to 2, and references the
input to mid supply (2.5 V). R1 is then set to 499 Ω for bias-current cancellation. The resistor divider costs less
than the 2.5 V reference in Figure 8-8 but may increase the current from the 5-V supply.
OPA 836
Signal and bias to
next stage
Signal and bias
from previous stage
2.5 V
2.5 V
5 V
R1
R ’
G
R ”
G
RF
RO
VOUT
GVSIG
5 V
VSIG
Figure 8-9. Noninverting Single Supply With Resistors
Figure 8-10 shows a typical inverting amplifier situation. With 5-V single supply, a mid-supply reference
generator is needed to bias the positive side through R1. To cancel the voltage offset that would otherwise
be caused by the input bias currents, R1 is selected to be equal to RF in parallel with RG. For example if gain of
–2 is required and RF = 1 kΩ, select RG = 499 Ω to set the gain and R1 = 332 Ω for bias-current cancellation.
The value for C is dependent on the reference, but TI recommends a value of at least 0.1 µF to limit noise into
the operational amplifier.
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com