Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 35 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 35 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
9.1.8 Gain Setting With OPA836 RUN Integrated Resistors
The OPA836 RUN package option includes integrated gain-setting resistors for smallest possible footprint on a
printed circuit board (≈ 2.00 mm × 2.00 mm). By adding circuit traces on the PCB, gains of +1, –1, –1.33, +2,
+2.33, –3, +4, –4, +5, –5.33, +6.33, –7, +8 and inverting attenuations of –0.1429, –0.1875, –0.25, –0.33, –0.75
can be achieved.
Figure 9-6 shows a simplified view of how the OPA836IRUN integrated gain-setting network is implemented.
Table 9-1 lists the required pin connections for various noninverting and inverting gains (reference Figure
8-1 and Figure 8-2). Table 9-2 shows the required pin connections for various attenuations using the inverting-
amplifier architecture (reference Figure 8-2). Due to ESD protection devices being used on all pins, the absolute
maximum and minimum input-voltage range, VS– – 0.7 V to VS+ + 0.7 V, applies to the gain-setting resistors, so
attenuation of large input voltages requires external resistors to implement.
The gain-setting resistors are laser trimmed to 1% tolerance with nominal values of 1.6 kΩ, 1.2 kΩ, and 400
Ω. The gain-setting resistors have excellent temperature coefficients, and gain drift is superior to the drift with
external gain-setting resistors. The 500-Ω and 1.5-pF capacitor in parallel with the 1.6-kΩ gain-setting resistor
provide compensation for best stability and pulse response.
FB1
FB2
FB3
FB4
9
8
6
7
1.6 k
1.2 k
400
500
1.5 pF
Figure 9-6. OPA836IRUN Gain-Setting Network
Table 9-1. Gain Settings
NONINVERTING GAIN
(Figure 8-1)
INVERTING GAIN
(Figure 8-2)
SHORT PINS
SHORT PINS
SHORT PINS
SHORT PINS
1 V/V (0 dB)
—
1 to 9
—
2 V/V (6.02 dB)
–1 V/V (0 dB)
1 to 9
2 to 8
6 to GND
—
2.33 V/V (7.36 dB)
–1.33 V/V (2.5 dB)
1 to 9
2 to 8
7 to GND
—
4 V/V (12.04 dB)
–3 V/V (9.54 dB)
1 to 8
2 to 7
6 to GND
—
5 V/V (13.98 dB)
–4 V/V (12.04 dB)
1 to 9
2 to 7 or 8
7 to 8
6 to GND
6.33 V/V (16.03 dB)
–5.33 V/V (14.54 dB)
1 to 9
2 to 6 or 8
6 to 8
7 to GND
8 V/V (18.06 dB)
–7 V/V (16.90 dB)
1 to 9
2 to 7
6 to GND
—
Table 9-2. Attenuator Settings
INVERTING GAIN
(Figure 8-2)
SHORT PINS
SHORT PINS
SHORT PINS
SHORT PINS
–0.75 V/V (–2.5 dB)
1 to 7
2 to 8
9 to GND
—
–0.333 V/V (–9.54 dB)
1 to 6
2 to 7
8 to GND
—
–0.25 V/V (–12.04 dB)
1 to 6
2 to 7 or 8
7 to 8
9 to GND
–0.1875 V/V (–14.54 dB)
1 to 7
2 to 6 or 8
6 to 8
9 to GND
–0.1429 V/V (–16.90 dB)
1 to 6
2 to 7
9 to GND
—
www.ti.com
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com