Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 30 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
OPA 836
VOUT
Signal and bias to
next stage
Signal and bias
from previous stage
C
R1
RO
RF
RG
VSIG
GVSIG
5 V
5 V
2.5 V
REF
2.5 V
2.5 V
Figure 8-10. Inverting Single Supply With Reference
Figure 8-11 shows a similar inverting single-supply scenario with the reference generator replaced by the
Thevenin equivalent using resistors and the positive supply. R1 and R2 form a resistor divider from the 5-V
supply and are used to bias the positive side. To cancel the voltage offset that would otherwise be caused by
the input bias currents, set the parallel sum of R1 and R2 equal to the parallel sum of RF and RG. C must be
added to limit coupling of noise into the positive input. For example if gain of –2 is required and RF = 1 kΩ,
select RG = 499 Ω to set the gain. R1 = R2 = 665 Ω for mid-supply voltage bias and for operational amplifier input
bias-current cancellation. A good value for C is 0.1 µF. The resistor divider costs less than the 2.5-V reference in
Figure 8-10 but may increase the current from the 5-V supply.
OPA 836
Signal and bias to
next stage
Signal and bias
from previous stage
C
5 V
2.5 V
R1
R2
5 V
RO
VOUT
RG
RF
VSIG
GVSIG
2.5 V
Figure 8-11. Inverting Single Supply With Resistors
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com