Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 36 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 36 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments OPA830 Datasheet HTML 37Page - Texas Instruments OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments OPA830 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
9.1.9 Pulse Application With Single-Supply
For pulsed applications, where the signal is at ground and pulses to a positive or negative voltage, the circuit
bias-voltage considerations differ from those in an application with a signal that swings symmetrical about a
reference point. Figure 9-7 shows a circuit where the signal is at ground (0 V) and pulses to a positive value.
RF
OPA836
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
0 V
VSIG
RO
VOUT
GVSIG
0 V
Figure 9-7. Noninverting Single Supply With Pulse
If the input signal pulses negative from ground, an inverting amplifier is more appropriate as shown in Figure
9-8. A key consideration in noninverting and inverting cases is that the input and output voltages are kept within
the limits of the amplifier. Because the VICR of the OPA836 device includes the negative supply rail, the OPA836
operational amplifier is well-suited to this application.
OPA 836
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
RF
GVSIG
0 V
0 V
VSIG
VOUT
RO
Figure 9-8. Inverting Single Supply With Pulse
9.1.10 ADC Driver Performance
The OPA836 device provides excellent performance when driving high-performance delta-sigma (ΔΣ) and
successive-approximation-register (SAR) ADCs in low-power audio and industrial applications.
To show achievable performance, the OPA836 device is tested as the drive amplifier for the ADS8326. The
ADS8326 is a 16-bit, micro power, SAR ADC with pseudodifferential inputs and sample rates up to 250 kSPS.
The device offers excellent noise and distortion performance in a small 8-pin SOIC or VSSOP (MSOP) package.
Low power and small size make the ADS8326 and OPA836 devices an ideal solution for portable and battery-
operated systems, remote data-acquisition modules, simultaneous multichannel systems, and isolated data
acquisition.
With the circuit shown in Figure 9-9 to test the performance, Figure 9-10 shows the FFT plot with a 10-kHz input
signal. The tabulated AC analysis is in Table 9-3.
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com