Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 32 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments OPA830 Datasheet HTML 30Page - Texas Instruments OPA830 Datasheet HTML 31Page - Texas Instruments OPA830 Datasheet HTML 32Page - Texas Instruments OPA830 Datasheet HTML 33Page - Texas Instruments OPA830 Datasheet HTML 34Page - Texas Instruments OPA830 Datasheet HTML 35Page - Texas Instruments OPA830 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
(
)
F1
F2
IN+
IN
REF
G1
G2
2R
R
V
=
V
V
1 +
+ V
OUT
R
R
-
æ
ö æ
ö
-
´ç
÷ ç
÷
è
ø è
ø
(3)
The signal gain of the circuit is set by
æ
ö æ
ö
ç
÷ ç
÷
è
ø è
ø
F1
F2
G 1
G2
2R
R
G =
1 +
R
R
. VCM is rejected, and VREF provides a level
shift around which the output signal swings. The single-ended output signal is in-phase with the differential input
signal.
OPA 836
½ OPA2836
VIN-
VIN+
VSIG-
VSIG+
VCM
VCM
RG1
RF1
RF1
RG2
RG2
RF2
RF2
VOUT
G[(V
)-(
SIG+
V
)]
SIG-
VREF
VREF
½ OPA2836
Figure 9-1. Instrumentation Amplifier
Integrated solutions are available, but the OPA836 device provides a much lower-power, high-frequency
solution. For best CMRR performance, resistors must be matched. A good guideline to follow is CMRR ≈ the
resistor tolerance; so, 0.1% tolerance will provide approximately 60-dB CMRR.
9.1.4 Attenuators
The noninverting circuit of Figure 8-1 has minimum gain of 1. To implement attenuation, a resistor divider can be
placed in series with the positive input, and the amplifier set for gain of 1 by shorting VOUT to VIN– and removing
RG. Because the operational amplifier input is high impedance, the resistor divider sets the attenuation.
The inverting circuit of Figure 8-2 can be used as an attenuator by making RG larger than RF. The attenuation is
the resistor ratio. For example, a 10:1 attenuator can be implemented with RF = 1 kΩ and RG = 10 kΩ.
9.1.5 Single-Ended-to-Differential Amplifier
Figure 9-2 shows an amplifier circuit that is used to convert single-ended signals to differential, and provides
gain and level shifting. This circuit can be used for converting signals to differential in applications like line
drivers for Cat5 cabling or driving differential-input SAR and ΔΣ ADCs.
With VIN = VREF + VSIG , the output of the amplifier may be calculated according to Equation 4.
F
IN
REF
IN
REF
OUT+
OUT-
G
R
V
= G x V
+ V
and V
= -G x V
+ V
Where: G = 1 +
R
(4)
The differential-signal gain of the circuit is 2 × G, and VREF provides a reference around which the output signal
swings. The differential output signal is in-phase with the single-ended input signal.
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com