Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 42 Page - Texas Instruments

Part # OPA830
Description  OPAx836 Very-Low-Power, Rail-to-Rail Out, Negative Rail In, Voltage-Feedback Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA830 Datasheet(HTML) 42 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 38Page - Texas Instruments OPA830 Datasheet HTML 39Page - Texas Instruments OPA830 Datasheet HTML 40Page - Texas Instruments OPA830 Datasheet HTML 41Page - Texas Instruments OPA830 Datasheet HTML 42Page - Texas Instruments OPA830 Datasheet HTML 43Page - Texas Instruments OPA830 Datasheet HTML 44Page - Texas Instruments OPA830 Datasheet HTML 45Page - Texas Instruments OPA830 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
11 Layout
11.1 Layout Guidelines
The OPA835DBV, OPA836DBV EVM (SLOU314) can be used as a reference when designing the circuit
board. TI recommends following the EVM layout of the external components near the amplifier, ground-plane
construction, and power routing. General guidelines are listed as follows:
1. Signal routing must be direct and as short as possible into and out of the operational amplifier.
2. The feedback path must be short and direct avoiding vias if possible especially with G = +1.
3. Ground or power planes must be removed from directly under the negative input and output pins of the
amplifier.
4. TI recommends placing a series output resistor as close to the output pin as possible. See Series Output
Resistor vs Capacitive Load (Figure 7-17) for recommended values for the expected capacitive load.
5. A 2.2-µF power-supply decoupling capacitor must be placed within two inches of the device and can be
shared with other operational amplifiers. For spit supply, a capacitor is required for both supplies.
6. A 0.1-µF power-supply decoupling capacitor must be placed as close to the power supply pins as possible,
preferably within 0.1 inch. For split supply, a capacitor is required for both supplies.
7. The PD pin uses TTL logic levels. If the pin is not used, it must be tied to the positive supply to enable the
amplifier. If the pin is used, it must be actively driven. A bypass capacitor is not necessary, but is used for
robustness in noisy environments.
OPA836, OPA2836
SLOS712J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA836 OPA2836



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com