Electronic Components Datasheet Search
  English  ▼

X  

L99DZ320 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L99DZ320
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L99DZ320 Datasheet HTML 113Page - STMicroelectronics L99DZ320 Datasheet HTML 114Page - STMicroelectronics L99DZ320 Datasheet HTML 115Page - STMicroelectronics L99DZ320 Datasheet HTML 116Page - STMicroelectronics L99DZ320 Datasheet HTML 117Page - STMicroelectronics L99DZ320 Datasheet HTML 118Page - STMicroelectronics L99DZ320 Datasheet HTML 119Page - STMicroelectronics L99DZ320 Datasheet HTML 120Page - STMicroelectronics L99DZ320 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 146 page
background image
Bit
Name
Description
10 IOC6th2
11 IOC6th3
15
HB5OCTH_1
Selectable overcurrent threshold on HB5:
00 IOC5th3 (default)
01 IOC5th1
10 IOC5th2
11 IOC5th3
14
HB5OCTH_0
13-12
RESERVED
-
11
HB6_HS
HB6 high-side driver control:
0 HB6 HS is turned off (default)
1 HB6 HS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB6 are switched on simultaneously
10
HB6_LS
HB6 low-side driver control:
0 HB6 LS is turned off (default)
1 HB6 LS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB6 are switched on simultaneously
9
HB5_HS
HB5 high-side driver control:
0 HB5 HS is turned off (default)
1 HB5 HS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB5 are switched on simultaneously
8
HB5_LS
HB5 low-side driver control:
0 HB5 LS is turned off (default)
1 HB5 LS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB5 are switched on simultaneously
7
HB4_HS
HB4 high-side driver control:
0 HB4 HS is turned off (default)
1 HB4 HS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB4 are switched on simultaneously
6
HB4_LS
HB4 low-side driver control:
0 HB4 LS is turned off (default)
1 HB4 LS is turned on
An internal cross-current protection prevents, that both the low-side and high-side drivers of the half bridge
HB4 are switched on simultaneously
5:0
RESERVED
-
L99DZ320
SPI Registers
DS14235 - Rev 5
page 117/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com