Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 3 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
6
5
4
OUTB
VDD
INB
OUTA
GND
INA
3
TLV6710
www.ti.com
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
Table 1. TLV67xx Integrated Comparator Family
PART NUMBER
CONFIGURATION
OPERATING
VOLTAGE RANGE
THRESHOLD ACCURACY OVER
TEMPERATURE
TLV6700
Window
1.8V to 18V
1%
TLV6703
Non-Inverting Single Channel
1.8V to 18V
1%
TLV6710
Window
1.8V to 36V
0.75%
TLV6713
Non-Inverting Single Channel
1.8V to 36V
0.75%
6 Pin Configuration and Functions
DDC Package
SOT-6
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
2
—
Ground
INA
3
I
Comparator A input. This pin is connected to the voltage to be monitored with the use of an
external resistor divider. When the voltage at this terminal drops below the threshold voltage
VIT–(INA), OUTA is driven low.
INB
4
I
Comparator B input. This pin is connected to the voltage to be monitored with the use of an
external resistor divider. When the voltage at this terminal exceeds the threshold voltage
VIT+(INB), OUTB is driven low.
OUTA
1
O
INA comparator open-drain output. OUTA is driven low when the voltage at this comparator
is less than VIT–(INA). The output goes high when the sense voltage rises above VIT+(INA).
OUTB
6
O
INB comparator open-drain output. OUTB is driven low when the voltage at this comparator
exceeds VIT+(INB). The output goes high when the sense voltage falls below VIT–(INB).
VDD
5
I
Supply voltage input. Connect a 1.8-V to 36-V supply to VDD to power the device. It is good
analog design practice to place a 0.1-µF ceramic capacitor close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com