Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
5
6
7
8
9
10
11
12
D007
VDD = 1.8 V, INA to OUTA
VDD = 36 V, INA to OUTA
VDD = 1.8 V, INB to OUTB
VDD = 36 V, INB to OUTB
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
D008
VDD = 1.8 V, INA to OUTA
VDD = 36 V, INA to OUTA
VDD = 1.8 V, INB to OUTB
VDD = 36 V, INB to OUTB
VIT+(INB) Threshold Voltage (mV)
0
500
1000
1500
2000
2500
3000
D021
VIT-(INB) Threshold Voltage (mV)
0
500
1000
1500
2000
2500
3000
3500
D023
VIT+(INA) Threshold Voltage (mV)
0
500
1000
1500
2000
2500
3000
3500
D022
VIT-(INA) Threshold Voltage (mV)
0
500
1000
1500
2000
2500
3000
3500
4000
4500
D020
8
TLV6710
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TJ = 25°C and VDD = 12 V, unless otherwise noted.
VDD = 1.8 V
Figure 8. INA Positive Input Threshold Voltage (VIT+(INA))
Distribution
VDD = 1.8 V
Figure 9. INA Negative Input Threshold Voltage (VIT–(INA))
Distribution
VDD = 1.8 V
Figure 10. INB Positive Input Threshold Voltage (VIT+(INB))
Distribution
VDD = 1.8 V
Figure 11. INB Negative Input Threshold Voltage (VIT–(INB))
Distribution
Input step ±200 mV
Figure 12. Propagation Delay vs Temperature
(High-to-Low Transition at the Inputs)
Input step ±200 mV
Figure 13. Propagation Delay vs Temperature
(Low-to-High Transition at the Inputs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com