Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
TLV6710
www.ti.com
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Inputs (INA, INB)
The TLV6710 combines two comparators with a precision reference voltage. Each comparator has one external
input; the other input is connected to the internal reference. The rising threshold on INB and the falling threshold
on INA are designed and trimmed to be equal to the reference voltage (400 mV). This configuration optimizes the
device accuracy when used as a window comparator. Both comparators also have built-in hysteresis that proves
immunity to noise and ensures stable operation.
The comparator inputs swings from ground to 1.7 V (7.0 V absolute maximum), regardless of the device supply
voltage used. Although not required in most cases, it is good analog design practice to place a 1-nF to 10-nF
bypass capacitor at the comparator input for noisy applications in order to reduce sensitivity to transient voltage
changes on the monitored signal.
For comparator A, the corresponding output (OUTA) is driven to logic low when the input INA voltage drops
below VIT–(INA). When the voltage exceeds VIT+(INA), OUTA goes to a high-impedance state; see Figure 1.
For comparator B, the corresponding output (OUTB) is driven to logic low when the voltage at input INB exceeds
VIT+(INB). When the voltage drops below VIT–(INB) OUTB goes to a high-impedance state; see Figure 1. Together,
these two comparators form a window-detection function as described in the Window Comparator Considerations
section.
8.3.2 Outputs (OUTA, OUTB)
In a typical TLV6710 application, the outputs are connected to a GPIO input of the processor (such as a digital
signal processor [DSP], central processing unit [CPU], field-programmable gate array [FPGA], or application-
specific integrated circuit [ASIC]).
The TLV6710 provides two open-drain outputs (OUTA and OUTB); use pullup resistors to hold these lines high
when the output goes to a high-impedance state. Connect pullup resistors to the proper voltage rails to enable
the outputs to be connected to other devices at correct interface voltage levels. The TLV6710 outputs can be
pulled up to 25 V, independent of the device supply voltage. To ensure proper voltage levels, give some
consideration when choosing the pullup resistor values. The pullup resistor value is determined by VOL, output
capacitive loading, and output leakage current (ID(leak)). These values are specified in the Electrical
Characteristics table. Use wired-OR logic to merge OUTA and OUTB into one logic signal.
Table 2 and the Inputs (INA, INB) section describe how the outputs are asserted or high impedance. See
Figure 1 for a timing diagram that describes the relationship between threshold voltages and the respective
output.
8.4 Device Functional Modes
8.4.1 Normal Operation (VDD > UVLO)
When the voltage on VDD is greater than 1.8 V for at least 155 µs, the OUTA and OUTB signals correspond to
the voltage on INA and INB as listed in Table 2.
8.4.2 Undervoltage Lockout (V(POR) < VDD < UVLO)
When the voltage on VDD is less than the device UVLO voltage, and greater than the power-on reset voltage,
V(POR), the OUTA and OUTB signals are asserted and high impedance, respectively, regardless of the voltage on
INA and INB.
8.4.3 Power On Reset (VDD < V(POR))
When the voltage on VDD is lower than the required voltage to internally pull the asserted output to GND
(V(POR)), both outputs are in a high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com