Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments TLV6713 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Overvoltage
Limit
Undervoltage
Limit
VMON
OUTB
OUTA
VMON(OV)
VMON(OV_HYS)
VMON(UV)
VMON(UV_HYS)
R
(2.21 M )
1
W
GND
1.8 V to 25 V
OUTA
OUTB
R
2
(13.7 k )
W
R
3
(69.8 k )
W
V
MON
INA
INB
VDD
Device
RP
1
(50 k )
W
OUT
V
MON
UV
OV
12
TLV6710
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TLV6710 device is a wide-supply voltage window comparator that operates over a VDD range of 1.8 V to
36 V. The device has two high-accuracy comparators with an internal 400-mV reference and two open-drain
outputs rated to 25 V for overvoltage and undervoltage detection. The device can be used either as a
window comparator or as two independent voltage monitors. The monitored voltages are set with the use of
external resistors.
9.1.1 Window Comparator Considerations
The inverting and noninverting configuration of the comparators forms a window-comparator detection circuit
using a resistor divider network, as shown in Figure 19 and Figure 20. The input pins can monitor any system
voltage above 400 mV with the use of a resistor divider network. INA and INB monitor for undervoltage and
overvoltage conditions, respectively.
Figure 19. Window Comparator Block Diagram
Figure 20. Window Comparator Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com