Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments TLV6713 Datasheet HTML 12Page - Texas Instruments TLV6713 Datasheet HTML 13Page - Texas Instruments TLV6713 Datasheet HTML 14Page - Texas Instruments TLV6713 Datasheet HTML 15Page - Texas Instruments TLV6713 Datasheet HTML 16Page - Texas Instruments TLV6713 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
R =
2
- R3
V
IT (INA)
-
R
V
TOTAL
MON(UV)
R =
2
- R3
V
IT+(INA)
R
V
TOTAL
MON(UV_HYS)
R =
3
V
IT+(INB)
R
V
TOTAL
MON(OV)
13
TLV6710
www.ti.com
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
The TLV6710 flags the overvoltage or undervoltage condition with the greatest accuracy. The highest accuracy
threshold voltages are VIT–(INA) and VIT+(INB), and correspond with the falling undervoltage flag, and the rising
overvoltage flag, respectively. These thresholds represent the accuracy when the monitored voltage is within the
valid window (both OUTA and OUTB are in a high-impedance state), and correspond to the VMON(UV) and
VMON(OV) trigger voltages, respectively. If the monitored voltage is outside of the valid window (VMON is less than
the undervoltage limit, VMON(UV), or greater than overvoltage limit, VMON(OV)), then the input threshold voltages to
re-enter the valid window are VIT+(INA) or VIT–(INB), and correspond with the VMON(UV_HYS) and VMON(OV_HYS)
monitored voltages, respectively.
The resistor divider values and target threshold voltage can be calculated by using Equation 1 through
Equation 4:
RTOTAL = R1 + R2 + R3
(1)
Choose an RTOTAL value so that the current through the divider is approximately 100 times higher than the input
current at the INA and INB pins. Resistors with high values minimize current consumption; however, the input
bias current degrades accuracy if the current through the resistors is too low. See application report Optimizing
Resistor Dividers at a Comparator Input (SLVA450), for details on sizing input resistors.
R3 is determined by Equation 2:
where
•
VMON(OV) is the target voltage at which an overvoltage condition is detected.
(2)
R2 is determined by either Equation 3 or Equation 4:
where
•
VMON(UV_HYS) is the target voltage at which an undervoltage condition is removed as VMON rises.
(3)
where
•
VMON(UV) is the target voltage at which an undervoltage condition is detected.
(4)
9.1.2 Input and Output Configurations
Figure 21 to Figure 23 show examples of the various input and output configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com