Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 5 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TLV6710
www.ti.com
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The lowest supply voltage (VDD) at which output is active; tr(VDD) > 15 µs/V. If less than V(POR), the output is undetermined.
(2)
When VDD falls below UVLO, OUTA is driven low and OUTB goes to high impedance. The outputs cannot be determined if less than
V(POR).
7.5 Electrical Characteristics
Over the operating temperature range of TJ = –40°C to +125°C, 1.8 V ≤ VDD < 36 V, and pullup resistors RP1,2 = 100 kΩ,
unless otherwise noted. Typical values are at TJ = 25°C and VDD = 12 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage range
1.8
36
V
V(POR)
Power-on reset voltage(1)
VOL ≤ 0.2 V
0.8
V
VIT–(INA)
INA pin negative input threshold voltage
VDD = 1.8 V to 36 V
397
400
403
mV
VIT+(INA)
INA pin positive input threshold voltage
VDD = 1.8 V to 36 V
400
405.5
413
mV
VHYS(INA)
INA pin hysteresis voltage
(HYS = VIT+(INA) – VIT–(INA))
2
5.5
12
mV
VIT–(INB)
INB pin negative input threshold voltage
VDD = 1.8 V to 36 V
387
394.5
400
mV
VIT+(INB)
INB pin positive input threshold voltage
VDD = 1.8 V to 36 V
397
400
403
mV
VHYS(INB)
INB pin hysteresis voltage
(HYS = VIT+(INB) – VIT–(INB))
2
5.2
12
mV
VOL
Low-level output voltage
VDD = 1.8 V, IOUT = 3 mA
130
250
mV
VDD = 5 V, IOUT = 5 mA
150
250
mV
IIN
Input current (at INA, INB pins)
VDD = 1.8 V and 36 V, VINA, VINB = 6.5 V
–25
+1
+25
nA
VDD = 1.8 V and 36 V, VINA, VINB = 0.1 V
–15
+1
+15
nA
ID(leak)
Open-drain output leakage current
VDD = 1.8 V and 36 V, VOUT = 25 V
10
300
nA
IDD
Supply current
VDD = 1.8 V – 36 V
8
11
µA
UVLO
Undervoltage lockout(2)
VDD falling
1.3
1.5
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com