Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments TLV6713 Datasheet HTML 10Page - Texas Instruments TLV6713 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
399.45
399.6
399.75
399.9
400.05
400.2
400.35
D004
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
392.7
393
393.3
393.6
393.9
394.2
394.5
394.8
395.1
395.4
395.7
D003
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
404
404.5
405
405.5
406
406.5
407
407.5
408
408.5
D005
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
399.3
399.45
399.6
399.75
399.9
400.05
400.2
D002
VDD = 1.8 V
VDD = 12 V
VDD = 36 V
Supply Voltage (V)
0
6
12
18
24
30
36
0
2
4
6
8
10
D001
TJ = -40qC
TJ = 0qC
TJ = 25qC
TJ = 85qC
TJ = 125qC
Overdrive (%)
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
10
12
14
16
18
20
22
D011
INA
INB
7
TLV6710
www.ti.com
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
Product Folder Links: TLV6710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Minimum pulse duration required to trigger output high-to-low transition. INA = negative spike below VIT– and INB = positive spike above
VIT+.
7.7 Typical Characteristics
At TJ = 25°C and VDD = 12 V, unless otherwise noted.
Figure 2. Supply Current vs Supply Voltage
VDD = 24 V
Figure 3. Minimum Pulse Duration vs
Threshold Overdrive Voltage(1) (1)
Figure 4. INA Positive Input Threshold Voltage (VIT+(INA)) vs
Temperature
Figure 5. INA Negative Input Threshold Voltage (VIT–(INA)) vs
Temperature
Figure 6. INB Positive Input Threshold Voltage (VIT+(INB)) vs
Temperature
Figure 7. INB Negative Input Threshold Voltage (VIT–(INB)) vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com