Electronic Components Datasheet Search
  English  ▼

X  

TLV6713 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV6713
Description  TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6713 Datasheet(HTML) 1 Page - Texas Instruments

  TLV6713 Datasheet HTML 1Page - Texas Instruments TLV6713 Datasheet HTML 2Page - Texas Instruments TLV6713 Datasheet HTML 3Page - Texas Instruments TLV6713 Datasheet HTML 4Page - Texas Instruments TLV6713 Datasheet HTML 5Page - Texas Instruments TLV6713 Datasheet HTML 6Page - Texas Instruments TLV6713 Datasheet HTML 7Page - Texas Instruments TLV6713 Datasheet HTML 8Page - Texas Instruments TLV6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
V
PULL-UP
(Up To 25 V)
INA+
GND
INB–
V
DD
OUTA
OUTB
Reference
1.8 V to 36 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV6710
SNVSAV4B – JANUARY 2018 – REVISED OCTOBER 2018
TLV6710 Micropower, 36-V Window Comparator With 400-mV Reference
1
1 Features
1
•
High Supply Voltage Range: 1.8 V to 36 V
•
Adjustable Threshold: Down to 400 mV
•
High Threshold Accuracy:
–
0.25% (Typical)
–
0.75% Max Over Temperature
•
Low Quiescent Current: 7 µA (Typical)
•
Open-Drain Outputs
•
Internal Hysteresis: 5.5 mV (Typical)
•
Temperature Range: –40°C to 125°C
•
Package: Thin SOT-23-6
2 Applications
•
Notebook PCs and Tablets
•
Smartphones
•
Digital Cameras
•
Video Game Controllers
•
Relays and Circuit Breakers
•
Portable Medical Devices
•
Door and Window Sensors
•
Portable- and Battery-Powered Products
3 Description
The TLV6710 is a high voltage window comparator
that operates over a 1.8 V to 36 V range. The device
has two high-accuracy comparators with an internal
400-mV reference and two open-drain outputs rated
to 25 V. The TLV6710 can be used as a window
comparator or as two independent comparators; the
monitored voltage can be set with the use of external
resistors.
OUTA is driven low when the voltage at INA+ drops
below (VITP – VHYS), and goes high when the voltage
returns above the respective threshold (VITP). OUTB
is driven low when the voltage at INB– rises above
VITP, and goes high when the voltage drops below the
respective threshold (VITP – VHYS). Both comparators
in the TLV6710 include built-in hysteresis to reject
brief
glitches,
thereby
ensuring
stable
output
operation without false triggering.
The TLV6710 is available in a Thin SOT-23-6
package
and
is
specified
over
the
junction
temperature range of –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV6710
SOT-23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Block Diagram


Similar Part No. - TLV6713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6713 TI-TLV6713 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
More results

Similar Description - TLV6713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700 Datasheet
1Mb / 24P
Micropower, 18V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703 Datasheet
307Kb / 19P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
Micropower, 18-V Window Comparator With 400-mV Reference
TLV6703 TI1-TLV6703_18 Datasheet
344Kb / 21P
Micropower, 18-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
Micropower, 36-V Window Comparator With 400-mV Reference
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
Micropower, 36-V Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_V01 Datasheet
2Mb / 30P
TLV6700 Micropower, 18-V Window Comparator With 400-mV Reference
TLV6700-Q1 TI-TLV6700-Q1 Datasheet
2Mb / 28P
TLV6700-Q1 Micropower, 18-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com