Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 20Page - Monolithic Power Systems MPQ7920 Datasheet HTML 21Page - Monolithic Power Systems MPQ7920 Datasheet HTML 22Page - Monolithic Power Systems MPQ7920 Datasheet HTML 23Page - Monolithic Power Systems MPQ7920 Datasheet HTML 24Page - Monolithic Power Systems MPQ7920 Datasheet HTML 25Page - Monolithic Power Systems MPQ7920 Datasheet HTML 26Page - Monolithic Power Systems MPQ7920 Datasheet HTML 27Page - Monolithic Power Systems MPQ7920 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
24
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
I2C INTERFACE
I2C Serial Interface Description
The I2C is a two-wire, bidirectional serial
interface consisting of a data line (SDA) and a
clock line (SCL). The lines are externally pulled
to a bus voltage when they are idle. A master
device is connected to the line; it generates the
SCL signal and device address, and arranges
the communication sequence.
The MPQ7920 interface is an I2C slave that can
support fast mode (400kHz) and high-speed
mode (3.4Mhz). The I2C interface adds flexibility
to the power supply solution. Among other
parameters, the output voltage and transition
slew rate can be instantaneously controlled by
the I2C interface. If the master sends the address
as an 8-bit value, the 7-bit address should be
followed by 0 or 1 to indicate a read or write (R/W)
operation, respectively.
Start and Stop Conditions
The start and stop conditions are signaled by the
master device, and signify the beginning and the
end of the I2C transfer. The start (S) condition is
defined as the SDA signal transitioning from high
to low while the SCL is high. The stop (P)
condition
is
defined
as
the
SDA
signal
transitioning from low to high while the SCL is
high (see Figure 12).
The master then generates the SCL clocks, and
transmits the device address and the R/W
direction bit on the SDA line.
SDA
SCL
Start Condition
Stop Condition
S
P
Figure 12: Start and Stop Conditions
Transfer Data
Data is transferred in 8-bit bytes by the SDA line.
Each byte of data should be followed by an
acknowledge bit.
I2C Update Sequence
The MPQ7920 requires a start condition, a valid
I2C address, a register address byte, and a data
byte for a single data update. After receiving
each byte, the MPQ7920 acknowledges the byte
by pulling the SDA line low during the high period
of a single clock pulse. A valid I2C address
selects the MPQ7920. The MPQ7920 performs
an update on the falling edge of the LSB byte.
Figure 13, Figure 14, and Figure 15 show
examples of I2C write and read sequences.
S
Slave Address
Wr
A
Register Address K
Write Data
A
A
P
8 bits
8 bits
8 bits
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
Wr (Write) = 0
Rd (Read) = 1
Figure 13: I2C Write Example
– Write Single Register
S Slave Address
Wr
A Register Address K
Write Data K
A
P
A Write Data K+1 A
Write Data K+N
Multi-byte write executed from current register
location (the read-only register will be skipped)
8 bits
8 bits
8 bits
A
Master to Slave
Slave to Master
A = Acknowledge (SDA = Low)
S = Start Condition
P = Stop Condition
NA = Not Acknowledge (SDA = High)
Wr (Write) = 0
Rd (Read) = 1
Figure 14: I2C Write Example
– Write Multi-Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com