Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ7920 Datasheet HTML 1Page - Monolithic Power Systems MPQ7920 Datasheet HTML 2Page - Monolithic Power Systems MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MPQ7920
5V PMIC with Four 2A/2.5A/4.5A/4.5A
Buck Converters, 5 LDOs, and Flexible
System Settings via I2C and MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
1
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The
MPQ7920
is
a
complete
power
management solution that integrates four high-
efficiency step-down DC/DC converters, five
low-dropout regulators, and a flexible logic
interface.
Constant-on-time (COT) control in the DC/DC
converter provides fast transient response. The
adjustable switching frequency (up to 2.75MHz)
during CCM greatly reduces external inductor
and capacitor value. Full protection features
include
UVLO,
OCP,
OVP,
and
thermal
shutdown.
The output voltage is adjustable through the I2C
bus or preset by the MTP (multiple-time
programmable). The power-on/off sequence is
also programmable via the MTP and can be
controlled through I2C bus online.
The MPQ7920 requires a minimal number of
external components, and is available in a
space-saving QFN-26 (3.5mmx4.5mm) package
with wettable flanks. This part is AEC-Q100
qualified.
FEATURES
 High-Efficiency Step-Down Converters
o
Buck 1: 4.5A DC/DC Converter
o
Buck 2: 2.5A DC/DC Converter
o
Buck 3: 4.5A DC/DC Converter
o
Buck 4: 2A DC/DC Converter
o
Buck 1 and Buck 3 Can Work in Parallel
o
Buck 2 and Buck 4 Can Work in Parallel
o
2.7V to 5.5V Operating Input Range
o
0.4V to 3.58V/12.5mV Step or 0.4V to
2.2V/7.4mV Step Option VOUT Range for
Buck 1, Buck 2, and Buck 3
o
0.4V to 3.58V/12.5mV step VOUT Range
for Buck 4
o
Adjustable Switching Frequency
o
Adjustable Soft-Start Time
o
Adjustable Phase Delay
o
Programmable Forced PWM, Auto-
PFM, PWM Mode
o
Output OCP, OVP
 Low-Dropout Regulators
o
One RTC Dedicated LDO
o
Four Low-Noise LDOs
o
Two Separate Input Power Supplies
o
50mV Dropout at 300mA Load
 System
o
I2C Bus and User Programmable MTP
o
Two-Time Programmable MTP (1)
o
Power-On/Off Control
o
Multi-Function LDO2/EN1 Pin (EN1
Input Logic Level
≤ 3.3V)
o
Power-On Reset Output
o
Flexible Power-On/Off Sequence via
MTP (0.5ms/2ms/8ms/16ms Selectable
Time Slot)
o
Flexible DC/DC, LDO On/Off via the
MTP
o
±4kV HBM and ±2kV CDM ESD Rating
for All Pins
o
Available in a QFN-26 (3.5mmx4.5mm)
Package
o
Available in AEC-Q100 Grade 1
Note:
1)
The two-time programmable MTP is only for the standard
version of the MPQ7920GRM-0000-AEC1 (see page 39).
APPLICATIONS
 Automotive Infotainment
 Automotive Video Recorder
 Automotive Display Electronics
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MPQ7920

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ7043 CENTRAL-MPQ7043 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7043 CENTRAL-MPQ7043_15 Datasheet
407Kb / 2P
SILICON NPN QUAD TRANSISTOR
MPQ7053 CENTRAL-MPQ7053 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ7053 CENTRAL-MPQ7053_15 Datasheet
414Kb / 2P
SILICON NPN/PNP COMPLEMENTARY QUAD TRANSISTOR
logo
Motorola, Inc
MPQ7091 MOTOROLA-MPQ7091 Datasheet
84Kb / 4P
Quad Amplifier Transistors
More results

Similar Description - MPQ7920

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Richtek Technology Corp...
DS5028E RICHTEK-DS5028E Datasheet
519Kb / 41P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial Applications
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Major-Power Technology ...
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
logo
Texas Instruments
TPS6521905 TI1-TPS6521905 Datasheet
4Mb / 164P
User programmable Power Management IC (PMIC) with three step-down DC/DC converters and four LDOs
JUNE 2023
logo
Richtek Technology Corp...
RTQ5115-QA RICHTEK-RTQ5115-QA Datasheet
582Kb / 46P
Integrated PMIC with 4-Channel Synchronous Buck Converters, 8 LDOs, and MTP Non-Volatile Memory for Industrial and Automotive Applications
June 2021
logo
MPS Industries, Inc.
MP5413 MPSIND-MP5413 Datasheet
139Kb / 2P
2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
Rev. 0.8 3/21/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com