Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ7920 Datasheet HTML 1Page - Monolithic Power Systems MPQ7920 Datasheet HTML 2Page - Monolithic Power Systems MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
3
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MPQ7920GRM-xxxx-AEC1**
QFN-26 (3.5mmx4.5mm)
See Below
1
MPQ7920GRM-0003-AEC1
QFN-26 (3.5mmx4.5mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MPQ7920GRM-xxxx-AEC1–Z).
** “xxxx” is the configuration code identifier for the register setting stored in the OTP.
The default number is “0003”. Each “x” can be a hexadecimal value between 0 and F. Work with an MPS FAE to
create this unique number, even if ordering the “0003” code.
MPQ7920GRM-0003-AEC1 is the default version, which can be MTP 1 time.
MPQ7920GRM-0000-AEC1 is the standard version for sampling, which can be MTP 2 times.
TOP MARKING
MPS: MPS prefix
Y: Year code
W: Week code
M7920: Part number
LLLLL: Lot number
EVALUATION KIT EVKT-MPQ7920
EVKT-MPQ7920 kit contents (items below can be ordered separately):
#
Part Number
Item
Quantity
1
EVQ7920-R-00A
MPQ7920GRM evaluation board
1
2
EVKT-USBI2C-02
Includes one USB to I2C communication interface device, one USB
cable, and one ribbon cable
1
3
MPQ7920-0000
MPQ7920 IC, which can be used for MTP programming
2
Order direct from MonolithicPower.com or our distributors.
Figure 1: EVKT-MPQ7920 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com