Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ7920 Datasheet HTML 1Page - Monolithic Power Systems MPQ7920 Datasheet HTML 2Page - Monolithic Power Systems MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
5
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
12
OUT4
LDO4 output. LDO4 is powered by VIN5.
13
VIN5
LDO4 and LDO5 power input pin. This pin operates from a 2.7V to 5.5V input voltage.
14
OUT5
LDO5 output. LDO5 is powered by VIN5.
15
FB4
Buck 4 feedback. Directly connect b
uck 4’s output to this pin.
16
VIN4
Buck 4 supply voltage input. The MPQ7920 operates from a 2.7V to 5.5V input rail. It
requires a ceramic capacitor to decouple the input rail. Connect using a wide PCB trace.
VIN1, VIN2, VIN3, VIN4, and AVIN must be connected to the same bus voltage.
17
SW4
Buck 4 switch output. Connect using a wide PCB trace.
18
GND2
Buck 2 and buck 4 power ground. This pin requires special consideration during PCB
layout. Connect to GND with copper traces and vias.
19
SW2
Buck 2 switch output. Connect using a wide PCB trace.
20
VIN2
Buck 2, LDORTC, LDO2, and LDO3 supply voltage input. The MPQ7920 operates
from a 2.7V to 5.5V input rail. It requires a ceramic capacitor to decouple the input rail.
Connect using a wide PCB trace. VIN1, VIN2, VIN3, VIN4, and AVIN must be connected
to the same bus voltage.
21
FB2
Buck 2 feedback. Directly connect b
uck 2’s output to this pin.
22
OUT3
LDO3 output. LDO3 is powered by VIN2.
23
OUT2/EN1
LDO2 output or EN1. LDO2 is powered by VIN2. When configuring this pin as EN1, it
acts as an input pin. Pull EN1 up or down to enable or disable the MPQ7920,
respectively.
24
OUTRTC
RTC LDO output. This LDO is powered by VIN2.
25
AGND
Analog ground. Connect this pin to GND1 and GND2.
26
AVIN
Power supply input for logic circuitry. Bypass this pin with a 0.1µF ceramic capacitor
to AGND. Connect AVIN to the system input through a 4.7
Ω resistor. VIN1, VIN2, VIN3,
VIN4, and AVIN must be connected to the same bus voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com