Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 36Page - Monolithic Power Systems MPQ7920 Datasheet HTML 37Page - Monolithic Power Systems MPQ7920 Datasheet HTML 38Page - Monolithic Power Systems MPQ7920 Datasheet HTML 39Page - Monolithic Power Systems MPQ7920 Datasheet HTML 40Page - Monolithic Power Systems MPQ7920 Datasheet HTML 41Page - Monolithic Power Systems MPQ7920 Datasheet HTML 42Page - Monolithic Power Systems MPQ7920 Datasheet HTML 43Page - Monolithic Power Systems MPQ7920 Datasheet HTML 44Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
41
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPENDIX
MTP E-FUSE SELECTED TABLE BY MPQ7920GRM-0000 (21)
OTP Items
Buck 1
Buck 2
Buck 3
Buck 4
LDOR
TC
LDO2
LDO3
LDO4
LDO5
Output voltage
1.35V
1.5V
1.35V
1.8V
1.8V
1.8V
1.8V
3.3V
3.3V
Initial on/off
On
On
On
On
On
On
On
On
On
MODE
FPWM
FPWM
FPWM
FPWM
N/A
Power-on delay
1.5ms
1ms
1.5ms
0.5ms
Always
on
0ms
2ms
5ms
5.5ms
Power-off delay
4ms
4.5ms
4ms
5ms
5.5ms
3.5ms
0.5ms
0ms
Soft-start time
300μs
300μs
300μs
300μs
N/A
Time slot
0.5ms
PWR_ON_TIME_
SLOT_MODE
Time slot is a fixed number set by TIME_SLOT
PWR_OFF_TIME_
SLOT_MODE
Time slot is a fixed number set by TIME_SLOT
Switching frequency
2.2MHz
PWRON mode
0 (level trigger)
PWRON_
DEBOUNCE_
TIMER
10ms
RSTO mode
Not monitor any power rails
RSTO delay
50ms
Buck 1 peak current
limit
7.6A
Buck 2 peak current
limit
3.9A
Buck 3 peak current
limit
7.6A
Buck 4 peak current
limit
3.9A
I2C slave address
0x69
MTP configuration
code
0000
Note:
22) MPQ7920GRM-0000-AEC1 is the standard sample version, which can access the MTP 2 times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com