Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 30Page - Monolithic Power Systems MPQ7920 Datasheet HTML 31Page - Monolithic Power Systems MPQ7920 Datasheet HTML 32Page - Monolithic Power Systems MPQ7920 Datasheet HTML 33Page - Monolithic Power Systems MPQ7920 Datasheet HTML 34Page - Monolithic Power Systems MPQ7920 Datasheet HTML 35Page - Monolithic Power Systems MPQ7920 Datasheet HTML 36Page - Monolithic Power Systems MPQ7920 Datasheet HTML 37Page - Monolithic Power Systems MPQ7920 Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
34
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Table 1: Output Reference Voltage Chart (Used for 12.5mV DVS Resolution) (continued)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
01010000
1400
10100110
2475
11111100
3550
01010001
1412.5
10100111
2487.5
11111101
3562.5
01010010
1425
10101000
2500
11111110
3575
01010011
1437.5
10101001
2512.5
11111111
3587.5
01010100
1450
10101010
2525
N/A
N/A
01010101
1462.5
10101011
2537.5
N/A
N/A
I2C Bus Slave Address
The slave address is a 7-bit address followed by an 8th read or write (R/W) data direction bit. The A5 to A1
bits can be configured by the MTP e-Fuse.
A7
A6
A5
A4
A3
A2
A1
Setting Value
1
1
0*
1*
0*
0*
1*
Notes:
13) This bit is configurable by the MTP e-fuse.
14) By default, the slave address is 0x69, A[7:1] = 110 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com