Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems MPQ7920 Datasheet HTML 10Page - Monolithic Power Systems MPQ7920 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
7
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN1 = VIN2 = VIN3 = VIN4 = VIN5 = AVIN = 5V, TJ = -40°C to +125°C, typical value is tested at TJ = 25°C,
unless otherwise noted. (8)
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (no switching)
IIN
No switching, feedback is high,
TJ = 25°C
300
600
μA
Shutdown current
IIN_STD
All regulators disabled except
LDORTC, TJ = 25°C
30
60
μA
All regulators disabled except
LDORTC, TJ = -40°C to +125°C
30
120
μA
Default oscillation frequency
fSW
1.8
2.2
2.4
MHz
Thermal shutdown entry
threshold (9)
TOTP_R
153
°C
Thermal shutdown recovery
threshold (9)
THYS
130
°C
Step-Down Regulator
AVIN UVLO rising
VAIN1_R
2.4
2.55
2.7
V
AVIN UVLO hysteresis
VAIN1_HYS
300
mV
VIN1 UVLO rising
VIN1_R
2.3
2.45
2.6
V
VIN1 UVLO hysteresis
VIN1_HYS
300
mV
VIN2 UVLO rising
VIN2_R
2.35
2.5
2.65
V
VIN2 UVLO hysteresis
VIN2_HYS
300
mV
VIN3 UVLO rising
VIN3_R
2.3
2.45
2.6
V
VIN3 UVLO hysteresis
VIN3_HYS
300
mV
VIN4 UVLO rising
VIN4_R
2.3
2.45
2.6
V
VIN4 UVLO hysteresis
VIN4_HYS
300
mV
VIN5 UVLO rising
VIN5_R
2.3
2.45
2.6
V
VIN5 UVLO hysteresis
VIN5_HYS
300
mV
Feedback voltage accuracy
VFB1
Default output of buck 1
1.127
1.15
1.173
V
VFB2
Default output of buck 2
1.47
1.5
1.53
V
VFB3
Default output of buck 3
1.127
1.15
1.173
V
VFB4
Default output of buck 4
1.764
1.8
1.836
V
Maximum duty cycle (9)
DMAX
Buck 1 to buck 4
100
%
Buck 1, Buck 3 (4.5A/4.5A)
HS-FET on resistance
HSRDS-ON1
500mA, TJ = 25°C
25
35
mΩ
HSRDS-ON3
HSRDS-ON1
500mA, TJ = -40°C to +125°C
25
45
mΩ
HSRDS-ON3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com