Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ7920 Datasheet HTML 1Page - Monolithic Power Systems MPQ7920 Datasheet HTML 2Page - Monolithic Power Systems MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
4
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
3
VIN1
4
SW1
5
GND1
6
SW3
VIN3
VIN2
SW2
GND2
SW4
VIN4
26
25
AVIN AGND
OUT
RTC
OUT2/
EN1
SCL
SDA
OUT4 VIN5
2
PWRON
23
24
21
FB2
20
19
18
17
7
16
10
11
8
13
12
15
FB4
FB3
1
FB1
9
RSTO
14
OUT3
22
OUT5
QFN-26 (3.5mmx4.5mm)
PIN FUNCTIONS
Pin #
Name
Description
1
FB1
Feedback of buck 1. Connect b
uck 1’s output directly to this pin.
2
PWRON
Power-on/off input. Logic input pin to start up or shut down the device. This pin should be
pulled high by an external voltage.
3
VIN1
Buck 1 supply voltage input. The MPQ7920 operates from a 2.7V to 5.5V input rail. It
requires a ceramic capacitor to decouple the input rail. Connect using a wide PCB trace.
VIN1, VIN2, VIN3, VIN4, and AVIN must be connected to the same bus voltage.
4
SW1
Buck 1 switch output. Connect using a wide PCB trace.
5
GND1
Buck 1 and buck 3 power ground. Requires special consideration during PCB layout.
Connect to GND with copper traces and vias.
6
SW3
Buck 3 switch output. Connect using a wide PCB trace.
7
VIN3
Buck 3 supply voltage input. The MPQ7920 operates from a 2.7V to 5.5V input rail. It
requires a ceramic capacitor to decouple the input rail. Connect using a wide PCB trace.
VIN1, VIN2, VIN3, VIN4, and AVIN must be connected to the same bus voltage.
8
FB3
Buck 3 feedback. Directly connect buck
3’s output to this pin.
9
RSTO
Reset output from the PMIC to CPU. Open-drain output. This pin requires an external pull-
up resistor.
10
SCL
I2C clock signal input.
11
SDA
I2C data pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com