Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 2Page - Monolithic Power Systems MPQ7920 Datasheet HTML 3Page - Monolithic Power Systems MPQ7920 Datasheet HTML 4Page - Monolithic Power Systems MPQ7920 Datasheet HTML 5Page - Monolithic Power Systems MPQ7920 Datasheet HTML 6Page - Monolithic Power Systems MPQ7920 Datasheet HTML 7Page - Monolithic Power Systems MPQ7920 Datasheet HTML 8Page - Monolithic Power Systems MPQ7920 Datasheet HTML 9Page - Monolithic Power Systems MPQ7920 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
6
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VVIN1, VIN2, VIN3, VIN4, VIN5, AVIN ...................................
…………….. -0.3V to +6.5V (6.8V for 300ms)
VSWx………………………… ................................
-0.6V (-5V for <10ns) to VIN + 0.3V (7V for <10ns)
VEN1 …………………………......... -0.3V to +3.5V
All other pins
………………........ -0.3V to +6.25V
Continuous power dissipation (TA = 25°C) (2) (6)
QFN-26 (3.5mmx4.5mm)..
…….………….6.25W
Junction temperature
….………….……….150°C
Lead t
emperature……..………………….. 260°C
Storage temperature.
………….-65°C to +150°C
ESD Rating (3)
All other pins (HBM) ..................................±4kV
All pins (CDM) ...........................................±2kV
Recommended Operating Conditions (4)
Step-down regulator (VIN)………..…2.7V to 5.5V
Step-down regulator (VOUT)………………….0.4V
to 3.5875V or VIN
LDO regulator (VOUTL)…..0.65V to 3.5875V or VIN
Operating junction temp (TJ) ..............................
………………………………... -40°C to +125°C (5)
Thermal Resistance
θJA
θJC
QFN-26 (3.5mmx4.5mm)
EVQ7920-R-00A (6)................. 20 ....... 5.... °C/W
JESD51-7 (7)..............................44...... 9.... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation may cause excessive die temperature, and the
regulator can go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) HBM, per JEDEC specification JESD22-A114; CDM, per
JEDEC
specification
JESD22-C101,
AEC
specification
AECQ100-011. JEDEC document JEP155 states that 500V
HBM allows safe manufacturing with a standard ESD control
process. JEDEC document JEP157 states that 250V CDM
allows safe manufacturing with a standard ESD control
process.
4) The device is not guaranteed to function outside of its operating
conditions.
5) Operating devices at junction temperatures greater than 125°C
is possible; contact MPS for details.
6) Measured on EVQ7920-R-00A, 4-layer PCB.
7) Measured on JESD51-7, 4-
layer PCB. The value of θ
JA given
in this table is only valid for comparison with other packages
and cannot be used for design purposes. These values were
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com