Electronic Components Datasheet Search
  English  ▼

X  

MPQ7920 Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MPQ7920
Description  5V PMIC with Four 2A/2.5A/4.5A/4.5A Buck Converters, 5 LDOs, and Flexible System Settings via I2C and MTP, AEC-Q100
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ7920 Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MPQ7920 Datasheet HTML 35Page - Monolithic Power Systems MPQ7920 Datasheet HTML 36Page - Monolithic Power Systems MPQ7920 Datasheet HTML 37Page - Monolithic Power Systems MPQ7920 Datasheet HTML 38Page - Monolithic Power Systems MPQ7920 Datasheet HTML 39Page - Monolithic Power Systems MPQ7920 Datasheet HTML 40Page - Monolithic Power Systems MPQ7920 Datasheet HTML 41Page - Monolithic Power Systems MPQ7920 Datasheet HTML 42Page - Monolithic Power Systems MPQ7920 Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
MPQ7920
– 5V POWER MANAGEMENT IC WITH I2C AND MTP, AEC-Q100
MPQ7920 Rev. 1.0
www.MonolithicPower.com
39
7/13/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
C14
R1
Buck1
Buck3
Buck2
Buck4
VIN1
VIN2
VIN3
VIN4
VIN5
SW3
SW1
SW2
SW4
PGND
PGND
PGND
PGND
AGND
Top layer
Inner layer1
Bottom layer
3
VIN1
4
SW1
5
GND1
6
SW3
VIN2
SW2
GND2
SW4
VIN4
26
25
AVIN
AGND
OUT
RTC
OUT2/
EN1
SCL
SDA
OUT4
VIN5
2
PWRON
23
24
21
FB2
20
19
18
17
7
16
10
11
8
13
12
15
FB4
FB3
1
FB1
9
RSTO
14
OUT3
22
OUT5
VIN3
Figure 16: Recommended PCB Layout (19)
Note:
19) It is recommended to separate the buck 1 and buck 3
’s PGND from buck 2 and buck 4’s PGND on the top layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com